Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 39 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation 376 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 44 Pin State (Bus Idle) during RESET
Pin Name
Signal Level during RESET
ADS
1
D15–D0
Float
BHE BLE
0
A23–A1
1
WR
0
DC
1
MIO
0
LOCK
1
HLDA
0
42 Bus Transfer Mechanism
All data transfers occur as a result of one or more
bus cycles Logical data operands of byte and word
lengths may be transferred without restrictions on
physical address alignment Any byte boundary may
be used although two physical bus cycles are per-
formed as required for unaligned operand transfers
The 80376 processor address signals are designed
to simplify external system hardware BHE and BLE
provide linear selects for the two bytes of the 16-bit
data bus
Byte Enable outputs BHE and BLE are asserted
when their associated data bus bytes are involved
with the present bus cycle as listed in Table 45
Table 45 Byte Enables and Associated
Data and Operand Bytes
Byte Enable
Associated Data Bus Signals
BHE
D15–D8 (Byte 1Most Significant)
BLE
D7–D0 (Byte 0Least Significant)
Each bus cycle is composed of at least two bus
states Each bus state requires one processor clock
period Additional bus states added to a single bus
cycle are called wait states See Bus Functional
Description
for additional information
43 Memory and IO Spaces
Bus cycles may access physical memory space or
IO space Peripheral devices in the system may ei-
ther be memory-mapped or IO-mapped or both
As shown in Figure 43 physical memory addresses
range from 000000H to 0FFFFFFH (16 Mbytes) and
IO
addresses
from
000000H
to
00FFFFH
(64 Kbytes) Note the IO addresses used by the
automatic IO cycles for coprocessor communica-
tion are 8000F8H to 8000FFH beyond the address
range of programmed IO to allow easy generation
of a coprocessor chip select signal using the A23
and MIO signals
OPERAND ALIGNMENT
With the flexibility of memory addressing on the
80376 it is possible to transfer a logical operand
that spans more than one physical Dword or word of
memory or IO Examples are 32-bit Dword or 16-bit
word operands beginning at addresses not evenly
divisible by 2
Operand alignment and size dictate when multiple
bus cycles are required Table 46 describes the
transfer cycles generated for all combinations of log-
ical operand lengths and alignment
Table 46 Transfer Bus Cycles
for Bytes Words and Dwords
Byte-Length of Logical Operand
12
4
Physical Byte
Address in
xx
00
01
10
11
00
01
10
11
Memory
(Low-Order
Bits)
Transfer
b
w
lb
w
hb
lw
hb
hw mw
Cycles
hb
lb
hw
lb
lw
hb
mw
lb
Key
b e byte transfer
w e word transfer
l e low-order portion
m e mid-order portion
x e don’t care
h e high-order portion
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com