Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 36 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
376 EMBEDDED PROCESSOR
READY is ignored on the first bus state of all bus
cycles and sampled each bus state thereafter until
asserted READY must eventually be asserted to ac-
knowledge every bus cycle including Halt Indication
and Shutdown Indication bus cycles When being
sampled READY must always meet setup and hold
times t19 and t20 for correct operation
Next Address Request (NA)
This is used to request pipelining This input indi-
cates the system is prepared to accept new values
of BHE BLE A23–A1 WR DC and MIO from the
80376 even if the end of the current cycle is not
being acknowledged on READY If this input is ac-
tive when sampled the next bus cycle’s address and
status signals are driven onto the bus provided the
next bus request is already pending internally NA is
ignored in clock cycles in which ADS or READY is
activated This signal is active LOW and must satisfy
setup and hold times t15 and t16 for correct opera-
tion See Pipelined Bus Cycles and Read and
Write Cycles
for additional information
BUS ARBITRATION SIGNALS (HOLD HLDA)
This section describes the mechanism by which the
processor relinquishes control of its local buses
when requested by another bus master device See
Entering and Exiting Hold Acknowledge
for addi-
tional information
Bus Hold Request (HOLD)
This input indicates some device other than the
80376 requires bus mastership When control is
granted
the 80376 floats A23–A1 BHE BLE
D15–D0 LOCK MIO DC WR and ADS and
then activates HLDA thus entering the bus hold ac-
knowledge state The local bus will remain granted
to the requesting master until HOLD becomes inac-
tive When HOLD becomes inactive the 80376 will
deactivate HLDA and drive the local bus (at the
same time) thus terminating the hold acknowledge
condition
HOLD must remain asserted as long as any other
device is a local bus master External pull-up resis-
tors may be required when in the hold acknowledge
state since none of the 80376 floated outputs have
internal pull-up resistors See Resistor Recommen-
dations
for additional information HOLD is not rec-
ognized while RESET is active but is recognized dur-
ing the time between the high-to-low transistion of
RESET and the first instruction fetch If RESET is
asserted while HOLD is asserted RESET has priori-
ty and places the bus into an idle state rather than
the hold acknowledge (high-impedance) state
HOLD is a level-sensitive active HIGH synchronous
input HOLD signals must always meet setup and
hold times t23 and t24 for correct operation
Bus Hold Acknowledge (HLDA)
When active (HIGH) this output indicates the 80376
has relinquished control of its local bus in response
to an asserted HOLD signal and is in the bus Hold
Acknowledge state
The Bus Hold Acknowledge state offers near-com-
plete signal isolation
In the Hold Acknowledge
state HLDA is the only signal being driven by the
80376 The other output signals or bidirectional sig-
nals (D15–D0 BHE BLE A23–A1 WR DC MIO
LOCK and ADS) are in a high-impedance state so
the requesting bus master may control them These
pins remain OFF throughout the time that HLDA re-
mains active (see Table 43) Pull-up resistors may
be desired on several signals to avoid spurious ac-
tivity when no bus master is driving them See Re-
sistor Recommendations
for additional informa-
tion
When the HOLD signal is made inactive the 80376
will deactivate HLDA and drive the bus One rising
edge on the NMI input is remembered for processing
after the HOLD input is negated
Table 43 Output Pin State during HOLD
Pin Value
Pin Names
1
HLDA
Float
LOCK MIO DC WR
ADS A23–A1 BHE BLE
D15–D0
Hold Latencies
The maximum possible HOLD latency depends on
the software being executed The actual HOLD la-
tency at any time depends on the current bus activi-
ty the state of the LOCK signal (internal to the CPU)
activated by the LOCK prefix and interrupts The
80376 will not honor a HOLD request until the cur-
rent bus operation is complete
The 80376 breaks 32-bit data or IO accesses into 2
internally locked 16-bit bus cycles the LOCK signal
is not asserted The 80376 breaks unaligned 16-bit
or 32-bit data or IO accesses into 2 or 3 internally
locked 16-bit bus cycles Again the LOCK signal is
not asserted but a HOLD request will not be recog-
nized until the end of the entire transfer
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com