Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 65 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 65 Page - Intel Corporation

Back Button 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation 376 Datasheet HTML 65Page - Intel Corporation 376 Datasheet HTML 66Page - Intel Corporation 376 Datasheet HTML 67Page - Intel Corporation 376 Datasheet HTML 68Page - Intel Corporation 376 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 65 80376 AC Characteristics at 20 MHz
(Continued)
Functional Operating Range VCC e 5V g10% TCASE e 0 C to 115 C for 88-pin PGA or 100-pin PQFP
Symbol
Parameter
Min
Max
Unit
Figure
Notes
t14
HLDA Valid Delay
4
28
ns
65
CL e 75 pF(4)
t15
NA Setup Time
5
ns
64
t16
NA Hold Time
12
ns
64
t19
READY Setup Time
12
ns
64
t20
READY Hold Time
4
ns
64
t21
D15–D0 Read Data Setup Time
9
ns
64
t22
D15–D0 Read Data Hold Time
6
ns
64
t23
HOLD Setup Time
17
ns
64
t24
HOLD Hold Time
5
ns
64
t25
RESET Setup Time
12
ns
67
t26
RESET Hold Time
4
ns
67
t27
NMI INTR Setup Time
16
ns
64
(2)
t28
NMI INTR Hold Time
16
ns
64
(2)
t29
PEREQ ERROR BUSY FLT
14
ns
64
(2)
Setup Time
t30
PEREQ ERROR BUSY FLT
5
ns
64
(2)
Hold Time
NOTES
1 Float condition occurs when maximum output current becomes less than ILO in magnitude Float delay is not 100%
tested
2 These inputs are allowed to be asynchronous to CLK2 The setup and hold specifications are given for testing purposes
to assure recognition within a specific CLK2 period
3 These are not tested They are guaranteed by design characterization
4 Tested with CL set to 50 pF and derated to support the indicated distributed capacitive load See Figures 68 through 610
for capacitive derating curves
5 The 80376 does not have t17 or t18 timing specifications
AC TEST LOADS
240182 – 36
Figure 62 AC Test Loads
AC TIMING WAVEFORMS
240182 – 37
Figure 63 CLK2 Waveform
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com