Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 38 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation 376 Datasheet HTML 38Page - Intel Corporation 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
376 EMBEDDED PROCESSOR
INTERRUPT SIGNALS (INTR NMI RESET)
The following descriptions cover inputs that can in-
terrupt or suspend execution of the processor’s cur-
rent instruction stream
Maskable Interrupt Request (INTR)
When asserted this input indicates a request for in-
terrupt service which can be masked by the 80376
Flag Register IF bit When the 80376 responds to
the INTR input it performs two interrupt acknowl-
edge bus cycles and at the end of the second
latches an 8-bit interrupt vector on D7–D0 to identify
the source of the interrupt
INTR is an active HIGH level-sensitive asynchro-
nous signal Setup and hold times t27 and t28 rela-
tive to the CLK2 signal must be met to guarantee
recognition at a particular clock edge To assure rec-
ognition of an INTR request INTR should remain
active until the first interrupt acknowledge bus cycle
begins INTR is sampled at the beginning of every
instruction In order to be recognized at a particular
instruction boundary INTR must be active at least
eight CLK2 clock periods before the beginning of the
execution of the instruction If recognized the 80376
will begin execution of the interrupt
Non-Maskable Interrupt Request (NMI)
This input indicates a request for interrupt service
which cannot be masked by software The non-
maskable interrupt request is always processed ac-
cording to the pointer or gate in slot 2 of the interrupt
table Because of the fixed NMI slot assignment no
interrupt acknowledge cycles are performed when
processing NMI
NMI is an active HIGH rising edge-sensitive asyn-
chronous signal Setup and hold times t27 and t28
relative to the CLK2 signal must be met to guarantee
recognition at a particular clock edge To assure rec-
ognition of NMI it must be inactive for at least eight
CLK2 periods and then be active for at least eight
CLK2 periods before the beginning of the execution
of an instruction
Once NMI processing has begun no additional
NMI’s are processed until after the next IRET in-
struction which is typically the end of the NMI serv-
ice routine If NMI is re-asserted prior to that time
however one rising edge on NMI will be remem-
bered for processing after executing the next IRET
instruction
Interrupt Latency
The time that elapses before an interrupt request is
serviced (interrupt latency) varies according to sev-
eral factors This delay must be taken into account
by the interrupt source Any of the following factors
can affect interrupt latency
1 If interrupts are masked and INTR request will
not be recognized until interrupts are reenabled
2 If an NMI is currently being serviced an incoming
NMI request will not be recognized until the 80376
encounters the IRET instruction
3 An interrupt request is recognized only on an in-
struction boundary of the 80376 Execution Unit
except for the following cases
Repeat string instructions can be interrupted
after each iteration
If the instruction loads the Stack Segment reg-
ister an interrupt is not processed until after
the following instruction which should be an
ESP load This allows the entire stack pointer
to be loaded without interruption
If an instruction sets the interrupt flag (enabling
interrupts) an interrupt is not processed until
after the next instruction
The longest latency occurs when the interrupt re-
quest arrives while the 80376 processor is exe-
cuting a long instruction such as multiplication di-
vision or a task-switch
4 Saving the Flags register and CSEIP registers
5 If interrupt service routine requires a task switch
time must be allowed for the task switch
6 If the interrupt service routine saves registers that
are not automatically saved by the 80376
RESET
This input signal suspends any operation in progress
and places the 80376 in a known reset state The
80376 is reset by asserting RESET for 15 or more
CLK2 periods (80 or more CLK2 periods before re-
questing self-test) When RESET is active all other
input pins except FLT are ignored and all other bus
pins are driven to an idle bus state as shown in Ta-
ble 44 If RESET and HOLD are both active at a
point in time RESET takes priority even if the 80376
was in a Hold Acknowledge state prior to RESET
active
RESET is an active HIGH level-sensitive synchro-
nous signal Setup and hold times t25 and t26 must
be met in order to assure proper operation of the
80376
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com