Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 59 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 376 Datasheet HTML 55Page - Intel Corporation 376 Datasheet HTML 56Page - Intel Corporation 376 Datasheet HTML 57Page - Intel Corporation 376 Datasheet HTML 58Page - Intel Corporation 376 Datasheet HTML 59Page - Intel Corporation 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
376 EMBEDDED PROCESSOR
SOFTWARE TESTING FOR COPROCESSOR
PRESENCE
When
software
is
used
to
test
coprocessor
(80387SX) presence it should use only the following
coprocessor
opcodes
FNINIT
FNSTCW
and
FNSTSW To use other coprocessor opcodes when
a coprocessor is known to be not present first set
EM e 1 in the 80376 CR0 register
50 PACKAGE THERMAL
SPECIFICATIONS
The Intel 80376 embedded processor is specified
for operation when case temperature is within the
range of 0 C – 115 C for both the ceramic 88-pin
PGA package and the plastic 100-pin PQFP pack-
age The case temperature may be measured in any
environment to determine whether the 80376 is
within specified operating range The case tempera-
ture should be measured at the center of the top
surface
The ambient temperature is guaranteed as long as
Tc is not violated The ambient temperature can be
calculated from the ijc and ija from the following
equations
TJ e Tc a P ijc
TA e Tj b P ija
TC e Ta a P ija b ijc
Values for ija and ijc are given in Table 51 for the
100-lead fine pitch ija is given at various airflows
Table 52 shows the maximum Ta allowable (without
exceeding Tc) at various airflows Note that Ta can
be improved further by attaching ‘‘fins’’ or a ‘‘heat
sink’’ to the package P is calculated using the maxi-
mum cold Icc of 305 mA and the maximum VCC of
55V for both packages
Table 51 80376 Package Thermal
Characteristics Thermal Resistances
( CWatt) ijc and ija
ija Versus Airflow-ftmin (msec)
Package ijc
0
200
400
600
800
1000
(0) (101) (203) (304) (406) (507)
100-Lead 75 345 295
255
225
215
210
Fine Pitch
88-Pin
25 290 225
170
145
125
120
PGA
Table 52 80376
Maximum Allowable Ambient
Temperature at Various Airflows
TA( C) vs Airflow-ftmin (msec)
Package ijc 0
200
400
600
800
1000
(0) (101) (203) (304) (406) (507)
100-Lead 75 70
78
85
90
92
93
Fine Pitch
88-Pin
25 70
81
90
95
98
99
PGA
60 ELECTRICAL SPECIFICATIONS
The following sections describe recommended elec-
trical connections for the 80376 and its electrical
specifications
61 Power and Grounding
The 80376 is implemented in CHMOS IV technology
and has modest power requirements However its
high clock frequency and 47 output buffers (address
data control and HLDA) can cause power surges
as multiple output buffers drive new signal levels
simultaneously For clean on-chip power distribution
at high frequency 14 VCC and 18 VSS pins separate-
ly feed functional units of the 80376
Power and ground connections must be made to all
external VCC and GND pins of the 80376 On the
circuit board all VCC pins should be connected on a
VCC plane and all VSS pins should be connected on
a GND plane
POWER DECOUPLING RECOMMENDATIONS
Liberal decoupling capacitors should be placed near
the 80376 The 80376 driving its 24-bit address bus
and 16-bit data bus at high frequencies can cause
transient power surges particularly when driving
large capacitive loads Low inductance capacitors
and interconnects are recommended for best high
frequency electrical performance Inductance can
be reduced by shortening circuit board traces be-
tween the 80376 and decoupling capacitors as
much as possible
RESISTOR RECOMMENDATIONS
The ERROR FLT and BUSY inputs have internal
pull-up resistors of approximately 20 KX and the
PEREQ input has an internal pull-down resistor of
approximately 20 KX built into the 80376 to keep
these signals inactive when the 80387SX is not
present in the system (or temporarily removed from
its socket)
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com