Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 33 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 33 Page - Intel Corporation

Back Button 376 Datasheet HTML 29Page - Intel Corporation 376 Datasheet HTML 30Page - Intel Corporation 376 Datasheet HTML 31Page - Intel Corporation 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation 376 Datasheet HTML 34Page - Intel Corporation 376 Datasheet HTML 35Page - Intel Corporation 376 Datasheet HTML 36Page - Intel Corporation 376 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
376 EMBEDDED PROCESSOR
starting the pending bus cycle before the present
bus cycle is finished A non-pipelined bus cycle
gives the highest bus performance by executing ev-
ery bus cycle in two processor clock cycles For
maximum design flexibility the address pipelining
option is selectable on a cycle-by-cycle basis
The processor’s bus cycle is the basic mechanism
for information transfer either from system to proc-
essor or from processor to system 80376 bus cy-
cles perform data transfer in a minimum of only two
clock periods On a 16-bit data bus the maximum
80376 transfer bandwidth at 16 MHz is therefore
16 Mbytessec However any bus cycle will be ex-
tended for more than two clock periods if external
hardware withholds acknowledgement of the cycle
The 80376 can relinquish control of its local buses
to allow mastership by other devices such as direct
memory access (DMA) channels
When relin-
quished HLDA is the only output pin driven by the
80376
providing near-complete isolation of the
processor from its system (all other output pins are
in a float condition)
41 Signal Description Overview
Ahead is a brief description of the 80376 input and
output signals arranged by functional groups
The signal descriptions sometimes refer to AC tim-
ing parameters such as ‘‘t25 Reset Setup Time’’ and
‘‘t26 Reset Hold Time’’ The values of these parame-
ters can be found in Tables 64 and 65
CLOCK (CLK2)
CLK2 provides the fundamental timing for the
80376 It is divided by two internally to generate the
internal processor clock used for instruction execu-
tion
The internal clock is comprised of two
240182 – 17
Figure 42 CLK2 Signal and Internal Processor Clock
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com