Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 71 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 71 Page - Intel Corporation

Back Button 376 Datasheet HTML 67Page - Intel Corporation 376 Datasheet HTML 68Page - Intel Corporation 376 Datasheet HTML 69Page - Intel Corporation 376 Datasheet HTML 70Page - Intel Corporation 376 Datasheet HTML 71Page - Intel Corporation 376 Datasheet HTML 72Page - Intel Corporation 376 Datasheet HTML 73Page - Intel Corporation 376 Datasheet HTML 74Page - Intel Corporation 376 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
376 EMBEDDED PROCESSOR
70 DIFFERENCES BETWEEN THE
80376 AND THE 80386
The following are the major differences between the
80376 and the 80386
1 The 80376 generates byte selects on BHE and
BLE (like the 8086 and 80286 microprocessors)
to distinguish the upper and lower bytes on its
16-bit data bus The 80386 uses four-byte selects
BE0 – BE3 to distinguish between the different
bytes on its 32-bit bus
2 The 80376 has no bus sizing option The 80386
can select between either a 32-bit bus or a 16-bit
bus by use of the BS16 input The 80376 has a
16-bit bus size
3 The NA pin operation in the 80376 is identical to
that of the NA pin on the 80386 with one excep-
tion the NA pin of the 80386 cannot be activated
on 16-bit bus cycles (where BS16 is LOW in the
80386 case) whereas NA can be activated on
any 80376 bus cycle
4 The contents of all 80376 registers at reset are
identical to the contents of the 80386 registers at
reset except the DX register The DX register
contains a component-stepping identifier at reset
ie
in 80386 after reset DH e 03H indicates 80386
DL e revision number
in 80376 after reset DH e 33H indicates 80376
DL e revision number
5 The 80386 uses A31 and MIO as a select for
numerics coprocessor The 80376 uses the
A23 and MIO to select its numerics coproces-
sor
6 The 80386 prefetch unit fetches code in four-
byte units The 80376 prefetch unit reads two
bytes as one unit (like the 80286 microproces-
sor) In BS16 mode the 80386 takes two con-
secutive bus cycles to complete a prefetch re-
quest If there is a data read or write request
after the prefetch starts the 80386 will fetch
all four bytes before addressing the new re-
quest
7 The 80376 has no paging mechanism
8 The 80376 starts executing code in what corre-
sponds to the 80386 protected mode The 80386
starts execution in real mode which is then used
to enter protected mode
9 The 80386 has a virtual-86 mode that allows the
execution of a real mode 8086 program as a task
in protected mode The 80376 has no virtual-86
mode
10 The 80386 maps a 48-bit logical address into a
32-bit physical address by segmentation and
paging The 80376 maps its 48-bit logical ad-
dress into a 24-bit physical address by segmen-
tation only
11 The 80376 uses the 80387SX numerics coproc-
essor for floating point operations while the
80386 uses the 80387 coprocessor
12 The 80386 can execute from 16-bit code seg-
ments The 80376 can only execute from 32-bit
code Segments
13 The 80376 has an input called FLT which three-
states all bidirectional and output pins including
HLDA when asserted It is used with ON Circuit
Emulation (ONCE)
80 INSTRUCTION SET
This section describes the 376 embedded processor
instruction set Table 81 lists all instructions along
with instruction encoding diagrams and clock
counts Further details of the instruction encoding
are then provided in the following sections which
completely describe the encoding structure and the
definition of all fields occurring within 80376 instruc-
tions
81 80376 Instruction Encoding and
Clock Count Summary
To calculate elapsed time for an instruction multiply
the instruction clock count as listed in Table 81 be-
low by the processor clock period (eg 50 ns for an
80376 operating at 20 MHz) The actual clock count
of an 80376 program will average 10% more
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com