Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 4 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 4 Page - Intel Corporation

  376 Datasheet HTML 1Page - Intel Corporation 376 Datasheet HTML 2Page - Intel Corporation 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 12 88-Pin Grid Array Pin Assignments
Pin
Label
Pin
Label
Pin
Label
Pin
Label
2H
CLK2
12D
A18
2L
MIO
11A
VCC
9B
D15
12E
A17
5M
LOCK
13A
VCC
8A
D14
13E
A16
1J
ADS
13C
VCC
8B
D13
12F
A15
1H
READY
13L
VCC
7A
D12
13F
A14
2G
NA
1N
VCC
7B
D11
12G
A13
1G
HOLD
13N
VCC
6A
D10
13G
A12
2F
HLDA
11B
VSS
6B
D9
13H
A11
7N
PEREQ
2C
VSS
5A
D8
12H
A10
7M
BUSY
1D
VSS
5B
D7
13J
A9
8N
ERROR
1M
VSS
4B
D6
12J
A8
9M
INTR
4N
VSS
4A
D5
12K
A7
8M
NMI
9N
VSS
3B
D4
13K
A6
6M
RESET
11N
VSS
2D
D3
12L
A5
2B
VCC
2A
VSS
1E
D2
12M
A4
12B
VCC
12A
VSS
2E
D1
11M
A3
1C
VCC
1B
VSS
1F
D0
10M
A2
2M
VCC
13B
VSS
9A
A23
1K
A1
3N
VCC
13M
VSS
10A
A22
2J
BLE
5N
VCC
2N
VSS
10B
A21
2K
BHE
10N
VCC
6N
VSS
12C
A20
4M
WR
1A
VCC
12N
VSS
13D
A19
3M
DC
3A
VCC
1L
NC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com