Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

376 Datasheet(PDF) 6 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 376 Datasheet HTML 2Page - Intel Corporation 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation 376 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
376 EMBEDDED PROCESSOR
Symbol
Type
Name and Function
HLDA
O
BUS HOLD ACKNOWLEDGE
output indicates that the 80376 has
surrendered control of its local bus to another bus master See Bus
Arbitration Signals
in Section 41 for additional information
INTR
I
INTERRUPT REQUEST
is a maskable input that signals the 80376 to
suspend execution of the current program and execute an interrupt
acknowledge function See Interrupt Signals in Section 41 for
additional information
NMI
I
NON-MASKABLE INTERRUPT REQUEST
is a non-maskable input
that signals the 80376 to suspend execution of the current program
and execute an interrupt acknowledge function See Interrupt Signals
in Section 41 for additional information
BUSY
I
BUSY
signals a busy condition from a processor extension See
Coprocessor Interface Signals
in Section 41 for additional
information
ERROR
I
ERROR
signals an error condition from a processor extension See
Coprocessor Interface Signals
in Section 41 for additional
information
PEREQ
I
PROCESSOR EXTENSION REQUEST
indicates that the processor
extension has data to be transferred by the 80376 See Coprocessor
Interface Signals
in Section 41 for additional information
FLT
I
FLOAT
when active forces all bidirectional and output signals
including HLDA to the float condition FLOAT is not available on the
PGA package See Float for additional information
NC
NO CONNECT
should always remain unconnected Connection of a
NC pin may cause the processor to malfunction or be incompatible
with future steppings of the 80376
VCC
I
SYSTEM POWER
provides the a5V nominal DC supply input
VSS
I
SYSTEM GROUND
provides 0V connection from which all inputs and
outputs are measured
20 ARCHITECTURE OVERVIEW
The 80376 supports the protection mechanisms
needed by sophisticated multitasking embedded
systems and real-time operating systems The use
of these protection mechanisms is completely op-
tional For embedded applications not needing pro-
tection the 80376 can easily be configured to pro-
vide a 16 Mbyte physical address space
Instruction pipelining high bus bandwidth and a
very high performance ALU ensure short average
instruction
execution
times
and
high
system
throughput The 80376 is capable of execution at
sustained rates of 25 – 30 million instructions per
second
The 80376 offers on-chip testability and debugging
features Four break point registers allow conditional
or unconditional break point traps on code execution
or data accesses for powerful debugging of even
ROM based systems Other testability features in-
clude self-test and tri-stating of output buffers during
RESET
The Intel 80376 embedded processor consists of a
central processing unit a memory management unit
and a bus interface The central processing unit con-
sists of the execution unit and instruction unit The
execution unit contains the eight 32-bit general reg-
isters which are used for both address calculation
and data operations and a 64-bit barrel shifter used
to speed shift rotate multiply and divide operations
The instruction unit decodes the instruction opcodes
and stores them in the decoded instruction queue
for immediate use by the execution unit
The Memory Management Unit (MMU) consists of a
segmentation and protection unit Segmentation al-
lows the managing of the logical address space by
providing an extra addressing component one that
allows easy code and data relocatability and effi-
cient sharing
The protection unit provides four levels of protection
for isolating and protecting applications and the op-
erating system from each other The hardware en-
forced protection allows the design of systems with
a high degree of integrity and simplifies debugging
Finally to facilitate high performance system hard-
ware designs the 80376 bus interface offers ad-
dress pipelining and direct Byte Enable signals for
each byte of the data bus
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com