Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 23 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 23 Page - NEC

Back Button UPC1857ACT Datasheet HTML 19Page - NEC UPC1857ACT Datasheet HTML 20Page - NEC UPC1857ACT Datasheet HTML 21Page - NEC UPC1857ACT Datasheet HTML 22Page - NEC UPC1857ACT Datasheet HTML 23Page - NEC UPC1857ACT Datasheet HTML 24Page - NEC UPC1857ACT Datasheet HTML 25Page - NEC UPC1857ACT Datasheet HTML 26Page - NEC UPC1857ACT Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
µµµµPC1857A
4.4.4 Surround effect
The surround effect can be changed in four steps by using the data of bits D1 and D0 of subaddress 00H.
Figure 4-4. Surround Effect
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
00H
Mute
Output selection
0
Gain
Data
Surround effect
D1
0
0
1
1
Surround mode
Surround effect
D0
0
1
0
1
0 dB
-3 dB
-6 dB
-12 dB
4.4.5 Mix
Mixing of the signal input to the MIX pin can be turned ON/OFF by using the data of bit D7 of subaddress 01H.
Figure 4-5. Mix
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
01H
Mix
Automatic
increment
Volume level
0
1
Mix: OFF
Mix: ON
Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com