Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 37 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 37 Page - NEC

Back Button UPC1857ACT Datasheet HTML 33Page - NEC UPC1857ACT Datasheet HTML 34Page - NEC UPC1857ACT Datasheet HTML 35Page - NEC UPC1857ACT Datasheet HTML 36Page - NEC UPC1857ACT Datasheet HTML 37Page - NEC UPC1857ACT Datasheet HTML 38Page - NEC UPC1857ACT Datasheet HTML 39Page - NEC UPC1857ACT Datasheet HTML 40Page - NEC UPC1857ACT Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
µµµµPC1857A
(3) Tone control characteristic (bass/treble)
Bass: f = 100 Hz, treble: f = 10 kHz
–10
–5
0
5
10
00000
00100
01000
01100
10000
10100
11000
11100
11111
Subaddress data (bass): 03H (D4-D0)
(treble): 04H (D4-D0)
(4) Tone frequency characteristic
20
10
0
-10
-20
10
100
A
B
C, D
1 k
10 k
100 k
Frequency f (Hz)
C
A, B
D
Curve
Subaddress
Data (D4-D0)
A
11111
B
03H
00001
C
11111
D
04H
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com