Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 10 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 10 Page - NEC

Back Button UPC1857ACT Datasheet HTML 6Page - NEC UPC1857ACT Datasheet HTML 7Page - NEC UPC1857ACT Datasheet HTML 8Page - NEC UPC1857ACT Datasheet HTML 9Page - NEC UPC1857ACT Datasheet HTML 10Page - NEC UPC1857ACT Datasheet HTML 11Page - NEC UPC1857ACT Datasheet HTML 12Page - NEC UPC1857ACT Datasheet HTML 13Page - NEC UPC1857ACT Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
µµµµPC1857A
Table 1-1. Pin Function List (4/7)
Pin Number
Pin Name
Equivalent Circuit
Description
13
Rout
13
VCC
VCC
VCC
2 k
Ω
10 k
Ω
3 k
Ω
2 k
Ω
R-channel signal output pin.
Pin voltage: approx. 6.0 V
14
Lout
14
VCC
VCC
VCC
2 k
Ω
10 k
Ω
3 k
Ω
2 k
Ω
L-channel signal output pin.
Pin voltage: approx. 6.0 V
15
VCC
15
1
23
Supply voltage.
Pin voltage: approx. 12.0 V
16
BAL-C
VCC
VCC
50 k
16
+
3.3 F
µ
Pin for D/A converter capacitor for
balance control.
Pin voltage: approx. 4.8 V
Remark Pin voltage is the reference value when VCC = 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com