Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 18 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 18 Page - NEC

Back Button UPC1857ACT Datasheet HTML 14Page - NEC UPC1857ACT Datasheet HTML 15Page - NEC UPC1857ACT Datasheet HTML 16Page - NEC UPC1857ACT Datasheet HTML 17Page - NEC UPC1857ACT Datasheet HTML 18Page - NEC UPC1857ACT Datasheet HTML 19Page - NEC UPC1857ACT Datasheet HTML 20Page - NEC UPC1857ACT Datasheet HTML 21Page - NEC UPC1857ACT Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
µµµµPC1857A
3.2.1 1-byte data transfer
The format in which 1-byte data is to be transferred is as follows:
Start Slave address
Subaddress
Data
Stop
Write
mode
ACK
ACK
ACK
3.2.2 Successive data transfer
The
µPC1857A has an automatic increment function which can be used to transfer successive data (refer to 4.4.6
Automatic increment).
By using this function, the internal subaddress is automatically incremented if a slave address and a subaddress
have been set, so that the data from subsequent subaddresses can be transferred in succession.
Incrementing the subaddress of the
µPC1857A is stopped when the subaddress reaches “04H”.
The format in which 5 bytes of data are to be transferred in succession by using the automatic increment function
is as follows:
Start Slave address
Subaddress
Data 1
Write
mode
Data 2
Data 5
Stop
ACK
ACK
ACK
ACK
ACK
The host CPU transfers “00H” as subaddress SA0 after start and slave addresses, as shown above. Data SA0 is
transferred after this subaddress SA0, and without transferring the stop condition the data SA1, SA2, SA3, and SA4 are
transferred successively, and then the stop condition is transferred.
To successively change data at a fixed subaddress, for example to turn up/down the volume, turn off the
automatic increment function.
3.2.3 Acknowledge
On the I
2C bus, an acknowledge bit is appended to the 9th bit following the data. This acknowledge bit is used to
judge whether data transfer has been successful. The host CPU judges whether data transfer has been successful
or not, depending on whether the status of the acknowledge bit is “H” or “L”.
When the acknowledge bit is “L”, it indicates success. When the acknowledge bit is “H”, it indicates failure of
transfer or forced release of bus (NAK status). The NAK status occurs when a wrong slave address is transferred to
a slave IC or data transfer from slave side is finished in the read status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com