Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 7 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 7 Page - NEC

Back Button UPC1857ACT Datasheet HTML 3Page - NEC UPC1857ACT Datasheet HTML 4Page - NEC UPC1857ACT Datasheet HTML 5Page - NEC UPC1857ACT Datasheet HTML 6Page - NEC UPC1857ACT Datasheet HTML 7Page - NEC UPC1857ACT Datasheet HTML 8Page - NEC UPC1857ACT Datasheet HTML 9Page - NEC UPC1857ACT Datasheet HTML 10Page - NEC UPC1857ACT Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
µµµµPC1857A
1. PIN FUNCTIONS
Table 1-1. Pin Function List (1/7)
Pin Number
Pin Name
Equivalent Circuit
Description
1AGND
15
1
23
Ground for analog signal.
Pin voltage: approx. 0.0 V
2FC1
2
VCC
VCC
36 k
36 k
18 k
3 k
3 k
0.1 F
µ
Connection pin for capacitor which
determines time constant of phase
shifter.
Pin voltage: approx. 6.0 V
3FC2
3
VCC
VCC
36 k
Ω 36 kΩ
18 k
Ω
2200 pF
3 k
Ω
3 k
Ω
4FC3
4
VCC
VCC
36 k
36 k
18 k
0.022
F
µ
3 k
3 k
Remark Pin voltage is the reference value when VCC = 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com