Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 32 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 32 Page - NEC

Back Button UPC1857ACT Datasheet HTML 28Page - NEC UPC1857ACT Datasheet HTML 29Page - NEC UPC1857ACT Datasheet HTML 30Page - NEC UPC1857ACT Datasheet HTML 31Page - NEC UPC1857ACT Datasheet HTML 32Page - NEC UPC1857ACT Datasheet HTML 33Page - NEC UPC1857ACT Datasheet HTML 34Page - NEC UPC1857ACT Datasheet HTML 35Page - NEC UPC1857ACT Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
µµµµPC1857A
Electrical Characteristics (5/5)
(Unless otherwise specified, VCC = 12 V, TA = 25
°C, RH ≤ 70%, f = 1 kHz, VIN = 0.5 Vr.m.s., no load)
Subaddress Data
Rating
Parameter
Symbol
Test Condition
00
01
02
03
04
MIN.
TYP.
MAX.
Unit
Output selector,
DC offset
Lin
→ Lout
OFST
LRL
No signal
Voltage conversion of Lout
Lout: L output
→ R output
1D
↓
2D
3F
20
10
10
−100
0
+100
mV
Output selector,
DC offset
Lin
→ Lout
OFST
LL + RL
No signal
Voltage conversion of Lout
Lout: L output
→ L+R output
1D
↓
3D
−100
0
+100
mV
Output selector,
DC offset
Rin
→ Lout
OFST
RL + RL
No signal
Voltage conversion of Lout
Lout: R output
→ L+R output
2D
↓
3D
−100
0
+100
mV
Output selector,
DC offset
Rin
→ Rout
OFST
RLR
No signal
Voltage conversion of Rout
Rout: R output
→ L output
2D
↓
1D
3F
20
10
10
−100
0
+100
mV
Output selector,
DC offset
Rin
→ Rout
OFST
RL + RR
No signal
Voltage conversion of Rout
Rout: R output
→ L+R output
2D
↓
3D
−100
0
+100
mV
Output selector,
DC offset
Lin
→ Rout
OFST
LL + RR
No signal
Voltage conversion of Rout
Rout: L output
→ L+R output
1D
↓
3D
−100
0
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com