Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 24 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 24 Page - NEC

Back Button UPC1857ACT Datasheet HTML 20Page - NEC UPC1857ACT Datasheet HTML 21Page - NEC UPC1857ACT Datasheet HTML 22Page - NEC UPC1857ACT Datasheet HTML 23Page - NEC UPC1857ACT Datasheet HTML 24Page - NEC UPC1857ACT Datasheet HTML 25Page - NEC UPC1857ACT Datasheet HTML 26Page - NEC UPC1857ACT Datasheet HTML 27Page - NEC UPC1857ACT Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
µµµµPC1857A
4.4.6 Automatic increment
The automatic increment function can be turned ON/OFF by using the data of bit D6 of subaddresses 01H through
04H.
This is effective when transmitting data successively (refer to 3.2.2 Successive data transfer).
Figure 4-6. Automatic Increment
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
01H-04H
Don't care
Automatic
increment
Don't care
0
1
Automatic increment: OFF
Automatic increment: ON
Automatic increment
Caution Subaddress 00H does not have an automatic increment function. It is always set to ON.
The automatic increment function automatically increments the subaddress when data is transferred successively.
Automatic increment ON : The subaddress is automatically incremented immediately after byte data with D6 = 1
has been transferred.
This setting is useful if the data at every subaddress is to be set at once for
initialization. The subaddress is always incremented immediately after the data of
subaddress: 00H has been transferred.
Automatic increment OFF : The subaddress is fixed immediately after byte data with D6 = 0 has been
transferred. This setting is useful when the data at the same subaddress is to be
successively changed, for example to turn up/down the volume.
There is an automatic increment function ON/OFF bit in subaddresses 01H through 04H.
Incrementing
subaddresses is individually controlled by the automatic increment function ON/OFF bit of each subaddress.
For example, if the automatic increment function of subaddress 01H is turned ON, and that of subaddress 02H is
turned OFF, the subaddress is automatically incremented from 01H to 02H, and is fixed to 02H.
Even if the automatic increment function ON/OFF bit of subaddress 04H is set to ON, the subaddress is not
incremented. If the next data is transferred after the data of 04H has been set (acknowledge bit: L), acknowledge
enters the NAK status (acknowledge bit: H), and data transfer from the host CPU is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com