Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 19 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 19 Page - NEC

Back Button UPC1857ACT Datasheet HTML 15Page - NEC UPC1857ACT Datasheet HTML 16Page - NEC UPC1857ACT Datasheet HTML 17Page - NEC UPC1857ACT Datasheet HTML 18Page - NEC UPC1857ACT Datasheet HTML 19Page - NEC UPC1857ACT Datasheet HTML 20Page - NEC UPC1857ACT Datasheet HTML 21Page - NEC UPC1857ACT Datasheet HTML 22Page - NEC UPC1857ACT Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
µµµµPC1857A
4. EXPLANATION OF EACH COMMAND
4.1
Subaddress List
Bit
Subaddress
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
00H
Output mute
0: OFF
1: ON
0
Output select
D5
D4
Lout
Rout
00
L
R
01
L
L
10
R
R
1
1
L + R
L + R
Surround mode
D3
D2
Mode
00
Simulated
01
Music
10
Movie
11
OFF
Surround effect
D1
D0
Gain
0
0
0 dB
01
−3 dB
10
−6 dB
11
−12 dB
01H
Mix
0: OFF
1: ON
Automatic
increment
0: OFF
1: ON
Volume level
Volume
:
MAX
to
MIN
Data
:
111111
to
000000
02H
0
Automatic
increment
0: OFF
1: ON
Balance
L volume :
MIN
to
MAX
to
MAX
R volume :
MAX
to
MAX
to
MIN
Data
:
111111
to
100000
to
000000
03H
0
Automatic
increment
0: OFF
1: ON
0
Bass level
Gain
:
Boost
to
0
to
Cut
Data
:
11111
to
10000
to
00000
04H
0
Automatic
increment
0: OFF
1: ON
0
Treble level
Gain
:
Boost
to
0
to
Cut
Data
:
11111
to
10000
to
00000
Cautions 1. Be sure to write “0” to bit D7 of subaddresses 02H through 04H, bit D6 of subaddress 00H,
and bit D5 of subaddresses 03H and 04H.
2. The surround mode is OFF: 00H (D3, D2 = 11) in any mode other than stereo mode is
selected for output: 00H (D5, D4 = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com