Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 28 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 28 Page - NEC

Back Button UPC1857ACT Datasheet HTML 24Page - NEC UPC1857ACT Datasheet HTML 25Page - NEC UPC1857ACT Datasheet HTML 26Page - NEC UPC1857ACT Datasheet HTML 27Page - NEC UPC1857ACT Datasheet HTML 28Page - NEC UPC1857ACT Datasheet HTML 29Page - NEC UPC1857ACT Datasheet HTML 30Page - NEC UPC1857ACT Datasheet HTML 31Page - NEC UPC1857ACT Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
µµµµPC1857A
Electrical Characteristics (1/5)
(Unless otherwise specified, VCC = 12 V, TA = 25
°C, RH ≤ 70%, f = 1 kHz, VIN = 0.5 Vr.m.s., no load)
Subaddress Data
Rating
Parameter
Symbol
Test Condition
00
01
02
03
04
MIN.
TYP.
MAX.
Unit
Circuit current
ICC
No signal
0D
3F
20
10
10
12
18
25
mA
Maximum input voltage
Lin
→ Lout
VOM-L
Lin = variable (tested)
Lout = THD 1%
0D
3F
20
10
10
2.8
3.1
−
Vr.m.s.
Maximum input voltage
Rin
→ Rout
VOM-R
Rin = variable (tested)
Rout = THD 1%
2.8
3.1
−
Vr.m.s.
Distortion rate
Lin
→ Lout
THDL
Lin = 2.0 Vr.m.s.
Rin = GND
0D
2B
20
10
10
−
0.1
0.5
%
Distortion rate
Rin
→ Rout
THDR
Lin = GND
Rin = 2.0 Vr.m.s.
−
0.1
0.5
%
Voltage gain
Lin
→ Lout
GV-LL
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
20
10
10
−1.0
0
+1.0
dB
Voltage gain
Rin
→ Rout
GV-RR
Lin = GND
Rin = 0.5 Vr.m.s.
−1.0
0
+1.0
dB
Voltage gain
MIX
→ Lout
GV-ML
MIX = 0.5 Vr.m.s.
Lin, Rin = GND
0D
BF
20
10
10
5.0
6.0
7.0
dB
Voltage gain
MIX
→ Rout
GV-MR
5.0
6.0
7.0
dB
Ripple rejection ratio
VCC
→ Lout
SVRR-L
0D
14201010
−−
−50
dB
Ripple rejection ratio
VCC
→ Rout
SVRR-R
−−
−50
dB
Output noise voltage
(surround OFF)
Lout
Vn-L
(OFF)
Rg = 0
Ω, JIS-A
0D
3F
201010
−−
50
µVr.m.s.
Output noise voltage
(surround OFF)
Rout
Vn-R
(OFF)
−−
50
µVr.m.s.
Cross talk
Lin
→ Rout
CT-L
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
20
10
10
−−80
−70
dB
Cross talk
Rin
→ Lout
CT-R
Lin = GND
Rin = 0.5 Vr.m.s.
−−80
−70
dB
VCC = 100 mVr.m.s.
f = 100 Hz
Lin, Rin = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com