Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 8 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 8 Page - NEC

Back Button UPC1857ACT Datasheet HTML 4Page - NEC UPC1857ACT Datasheet HTML 5Page - NEC UPC1857ACT Datasheet HTML 6Page - NEC UPC1857ACT Datasheet HTML 7Page - NEC UPC1857ACT Datasheet HTML 8Page - NEC UPC1857ACT Datasheet HTML 9Page - NEC UPC1857ACT Datasheet HTML 10Page - NEC UPC1857ACT Datasheet HTML 11Page - NEC UPC1857ACT Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
µµµµPC1857A
Table 1-1. Pin Function List (2/7)
Pin Number
Pin Name
Equivalent Circuit
Description
5FC4
5
VCC
VCC
36 k
36 k
18 k
0.022
F
µ
3 k
3 k
Connection pin for capacitor which
determines time constant of phase
shifter.
Pin voltage: approx. 6.0 V
6LF2
6
VCC
VCC
17.7 k
17.7 k
1000 pF
5 k
5 k
Low-pass filter.
Pin voltage: approx. 6.0 V
7RTC
7
VCC
VCC
12 k
3300 pF
3 k
3 k
Connection pin for capacitor for
treble boost/cut frequency
characteristic of R-channel signal.
Pin voltage: approx. 6.0 V
8RBC
8
VCC
VCC
13.8 k
0.047 F
µ
3 k
3 k
Connection pin for capacitor for
bass boost/cut frequency
characteristic of R-channel signal.
Pin voltage: approx. 6.0 V
Remark Pin voltage is the reference value when VCC = 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com