Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 22 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 22 Page - NEC

Back Button UPC1857ACT Datasheet HTML 18Page - NEC UPC1857ACT Datasheet HTML 19Page - NEC UPC1857ACT Datasheet HTML 20Page - NEC UPC1857ACT Datasheet HTML 21Page - NEC UPC1857ACT Datasheet HTML 22Page - NEC UPC1857ACT Datasheet HTML 23Page - NEC UPC1857ACT Datasheet HTML 24Page - NEC UPC1857ACT Datasheet HTML 25Page - NEC UPC1857ACT Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
µµµµPC1857A
4.4.3 Surround mode
The following surround modes can be selected by using data of bits D3 and D2 of subaddress 00H.
Simulated :
Simulated stereo sound for monaural source. The difference between the signal that has gone
through HPF and the signal that has gone through LPF is calculated, and the phase of the
difference is shifted and added to the original signal. The simulated stereo effect is created if the
output frequency characteristics of the L-channel and R-channel signals is comb-shaped.
Music
:
Surround sound for stereo source. The phase of the differential signal between L and R channels
(L-R signal) is rotated by a phase shifter (1-unit), and is added to the original signal.
Movie
:
Surround sound for stereo source. The phase of the differential signal between L and R channels
(L-R signal) is rotated by a phase shifter (4-unit), and is added to the original signal.
OFF
:
Original signal as is.
Figure 4-3. Surround Mode
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
00H
Mute
Output selection
0
Mode
Data
Surround mode
D3
0
0
1
1
Surround mode
Surround effect
D2
0
1
0
1
Simulated
Music
Movie
OFF
Caution The surround mode is OFF (D3, D2 = 11) if the stereo mode is not selected by the output
selection bits (D5, D4 = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com