Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 39 Page - NEC

Part # UPC1857ACT
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT Datasheet(HTML) 39 Page - NEC

Back Button UPC1857ACT Datasheet HTML 35Page - NEC UPC1857ACT Datasheet HTML 36Page - NEC UPC1857ACT Datasheet HTML 37Page - NEC UPC1857ACT Datasheet HTML 38Page - NEC UPC1857ACT Datasheet HTML 39Page - NEC UPC1857ACT Datasheet HTML 40Page - NEC UPC1857ACT Datasheet HTML 41Page - NEC UPC1857ACT Datasheet HTML 42Page - NEC UPC1857ACT Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
µµµµPC1857A
7. PACKAGE DRAWING
30 PIN PLASTIC SHRINK DIP (400 mil)
ITEM
MILLIMETERS
INCHES
N
0.17
0.007
B
1.78 MAX.
0.070 MAX.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
10.16 (T.P.)
0.400 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
S30C-70-400B-2
R
0~15
°
0~15
°
A
27.3±0.2
1.075+0.008
–0.009
F
1.0±0.15
0.039+0.007
–0.006
I
3.45±0.2
0.136+0.008
–0.009
L
8.6±0.2
0.339+0.008
–0.009
NOTES
2. Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
3. Item "K" to center of leads when formed parallel.
1
15
30
16
M
R
M
I
H
G
F
DN
C
B
K
J
A
L
1. Controlling dimension
millimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com