Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 48Page - STMicroelectronics AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics AN3077 Datasheet HTML 51Page - STMicroelectronics AN3077 Datasheet HTML 52Page - STMicroelectronics AN3077 Datasheet HTML 53Page - STMicroelectronics AN3077 Datasheet HTML 54Page - STMicroelectronics AN3077 Datasheet HTML 55Page - STMicroelectronics AN3077 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Functional safety requirements for application software
AN3077
52/82
DocID16384 Rev 10
Figure 16. Logic scheme of the LVD_FLASH, LVD_GPIO and LVD_VREG
Operation of the LVD_FLASH, LVD_GPIO and LVD_VREG is as follows (software
intervention is not needed):
●
A single LVD (PMU LVD or module LVF) can trigger a fault even if the other LVD is
faulty (this event signals the MC_RGM)
●
During each power on cycle self-test circuitry is able to detect failures on one of the two
LVD’s (this event signals the FCCU).
Mandatory: Core voltage LVD and HVD implement a hardware assisted self-test that needs
to be initiated by software once after the boot.
Note:
Rationale: To check the integrity of the LVD and HVD
Note:
Implementation hint: The hardware assisted self-tests are initiated by configuring
PMUCTRL_CTRL[SILHT[1:0]].
If the self-test passes, an NCF is triggered. If the self-test fails, a PMUCTRL_IRQS flag and
CF are asserted.
Apart from the self-test, the use of the power management unit for ASIL D applications is
transparent to the user, because the operation of the PMU is automatic. The
Device_Number embeds three LVDs which can detect a failure in the 3.3V power supply.
Considering the failure mode “Wrong Power Regulation”, a diagnostic coverage of 90% is
estimated against both a soft error and DC fault.
3.24
Memory Protection Unit (MPU)
The Memory Protection Unit (MPU) provides hardware access control for all memory
references generated in a device. Using pre-programmed region descriptors that define
memory spaces and their associated access rights, the MPU concurrently monitors all
system bus transactions (including those initiated by the eDMA or FlexRay controller) and
evaluates the appropriateness of each transfer.
Memory references that have sufficient access control rights are allowed to complete, while
references that are not mapped to any region descriptor or have insufficient rights are
terminated with a protection error response.
Note: This scheme represents only the logical configuration and not the
actual silicon implementation structure.
LVD
redundant
self-test
circuitry
reference
voltage 2
3.3 V supply
to MC_RGM
(destructive reset)
to FCCU
LVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com