Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 31Page - STMicroelectronics AN3077 Datasheet HTML 32Page - STMicroelectronics AN3077 Datasheet HTML 33Page - STMicroelectronics AN3077 Datasheet HTML 34Page - STMicroelectronics AN3077 Datasheet HTML 35Page - STMicroelectronics AN3077 Datasheet HTML 36Page - STMicroelectronics AN3077 Datasheet HTML 37Page - STMicroelectronics AN3077 Datasheet HTML 38Page - STMicroelectronics AN3077 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
DocID16384 Rev 10
35/82
AN3077
Functional safety requirements for application software
81
3.14.1.1
Software test implementation
●
CTU_HWSWTEST_TRIGGERNUM
If the reload signal occurs before all the triggers are generated, an overrun indication is
flagged and the application software must handle the error indication.
Note:
Rationale: Tests if all the triggers configured within a control period have been generated
and serviced.
Note:
Implementation hint: The Cross Triggering Unit Error Flag register (CTUEFR) shows
information about the overrun status.
●
CTU_SWTEST_TRIGGERTIME
Application software must configure one eTimer channel to capture the time at which
each trigger event occurs.
In triggered mode, the time instant of each trigger within one control period is captured
and stored in a FIFO. Application software has to check the FIFO values against the
expected ones according to CTU configuration.
In sequential mode, one eTimer channel is needed to check the correct time of a single
trigger with respect to the corresponding event.
Note:
Rationale: To verify if triggers are generated at the correct time
Note:
Implementation hint: Some eTimer inputs are internally connected to the CTU output.
eTIMER_2 input/outputs are not connected to pins on LQFP144 package. Use eTIMER_2
channels for implementing this safety function to keep the channels from eTIMER_0 or
eTIMER_1 units for functions using port pins (See “Enhanced Motor Control Timer (eTimer)”
in the Device_Number Reference Manual for details).
Note:
Implementation hint: eTimer capture register implements a two entry FIFO, but in CTU
triggered mode up to 8 time values need to be stored. To avoid FIFO overflow condition,
eTimer can be configured to trigger a eDMA transfer to move the captured value to specific
RAM location.
●
CTU_HWSWTEST_TRIGGEROVERRUN
This hardware mechanism checks if a new trigger occurs that requires an action by a
subunit that is currently busy. In this case, an overrun interrupt is generated and the
application software must handle the error condition.
Over-run detection mechanism shall be enabled by software during CTU configuration.
Note:
Rationale: Checks if a new trigger occurs that requires an action by a subunit (such as ADC
command generator) which is currently busy.
Note:
Implementation hint: To enable the over-run detection the IEE flag in the Cross Triggering
Unit Interrupt/eDMA register (CTUIR) register shall be asserted. This interrupt is shared
between several sources of error. The user can discriminate among them by reading the
CTUEFR register.
●
CTU_HWSWTEST_ADCCOMMAND
The CTU stores in its internal FIFOs both the value provided by each ADC conversion
and the channel number. Application software must check the ADC channel number
sequence against what is expected for each FIFO. Moreover, invalid commands issued
by the CTU are flagged and the corresponding error must be handled by the
application software.
Note:
Rationale: To detect if the incorrect channel has been acquired, or if the incorrect ADC
result FIFO is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com