Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics AN3077 Datasheet HTML 30Page - STMicroelectronics AN3077 Datasheet HTML 31Page - STMicroelectronics AN3077 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Functional safety requirements for application software
AN3077
28/82
DocID16384 Rev 10
Figure 5. Double Write Digital Output
3.13.4.2.1
Software test implementation
●
SIUL_SWTEST_REGCRC
The configuration registers of the SIUL are read and a CRC is computed. This CRC
value is compared with what is expected.
Note:
Implementation hint: The eDMA and CRC modules should be used to implement this SIF
to avoid overloading the CPU.
●
GPODW_SWAPP_WRITE
Mandatory: The output write of a redundant channel must be implemented following this
guideline:
●
The two outputs are written with a single instruction to the appropriate register.
●
The output register is read back.
Note:
Rationale: To minimize CCF of the SIUL
Note:
Implementation hint: To write two or more GPIOs with a single instruction, the Masked
Parallel GPIO Pad Data Out register (MPGPDOx) register can be used.
Application software shall verify that the two GPIOs used are in the same MPGPDOx
register.
To protect the value of the other GPIOs that belong to the same MPGPDOx, the MASK field
of the MPGPDOx register needs to be properly configured.
3.13.4.2.2
Implementation details
The only hardware element that can be used for the safety function is the GPIO.
Note:
Every pad that is not dedicated to a single function can be configured as GPIO. ADCs are
an exception to this rule, as they can be configured as inputs only.
SIUL
O
Digital Out Double
Configuration
O
GPO[y]
GPO[x]
O
= Output Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com