Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 33Page - STMicroelectronics AN3077 Datasheet HTML 34Page - STMicroelectronics AN3077 Datasheet HTML 35Page - STMicroelectronics AN3077 Datasheet HTML 36Page - STMicroelectronics AN3077 Datasheet HTML 37Page - STMicroelectronics AN3077 Datasheet HTML 38Page - STMicroelectronics AN3077 Datasheet HTML 39Page - STMicroelectronics AN3077 Datasheet HTML 40Page - STMicroelectronics AN3077 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
DocID16384 Rev 10
37/82
AN3077
Functional safety requirements for application software
81
3.14.1.3
Other requirements for CTU module usage
Mandatory: The only other requirement related to the CTU is that if the CTU is used to read
an analog signal through the ADC, the software shall verify the Invalid Command Error flag
(CTU_CTUEFR[ICR]) after programming the ADC command lists.
Note:
Rationale: To check the presence of invalid commands
3.15
ADC
If the ADC is used in a safety function, the following sections must be observed if an ADC
BIST is to be performed.
It is important to note that the ADC is part of the temperature measuring safety integrity
function, and it is therefore required that the HWBIST functions be executed once after the
boot even if the ADC is not in application use.
3.15.1
Read Analog Inputs
The customer has two options for reading analog inputs:
●
Single Read Analog Inputs
●
Double Read Analog Inputs
3.15.1.1
Single Read Analog Inputs
3.15.1.1.1
Hardware elements
The single-read analog input uses a single-analog-input channel either of ADC_0 or ADC_1
to acquire an analog voltage signal (See Figure 8).
To support a high diagnostic coverage two known reference supply voltages are utilized by
two software tests which are described in the following sections (ADC_SWTEST_TEST1
and ADC_SWTEST_TEST2).
The reference supply voltages are the following:
●
VDD_HV_ADR0 (ADC_0 high reference voltage)
●
VDD_HV_ADR1 (ADC_1 high reference voltage)
●
VSS_HV_ADR0 (ADC_0 low reference voltage)
●
VSS_HV_ADR1 (ADC_1 low reference voltage)
The SIUL unit must be configured properly to correctly enable the input pads. The pads
used for analog inputs are only of type INPUTS.
3.15.1.1.2
Safety Integrity Functions
Mandatory: The safety integrity is achieved by dedicated hardware BIST(g):
Note:
Rationale: Hardware BIST to check the integrity of the ADC, both analog and digital parts:
●
SUPPLY SELF-TESTRESISTIVE-CAPACITIVE SELF-TESTCAPACITIVE SELF-TEST
g.
These hardware BISTs need some software to activate them. This software shall be developed by the
customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com