Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 42Page - STMicroelectronics AN3077 Datasheet HTML 43Page - STMicroelectronics AN3077 Datasheet HTML 44Page - STMicroelectronics AN3077 Datasheet HTML 45Page - STMicroelectronics AN3077 Datasheet HTML 46Page - STMicroelectronics AN3077 Datasheet HTML 47Page - STMicroelectronics AN3077 Datasheet HTML 48Page - STMicroelectronics AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Functional safety requirements for application software
AN3077
46/82
DocID16384 Rev 10
3.15.2
Other requirements
Other requirements related to the ADC modules are:
●
When an application needs to access the ADC result FIFO, a 32-bit read access shall
be performed to verify the channel number on which the conversion has been
executed.
●
If the ADC analog watchdog function is used for function-safety relevant signal, two
analog watchdog channels must monitor the same signal.
●
If the Sine Wave Generator (SWG) is used, the ADC (in conjunction with CTU) must be
used to check the output signal.
3.16
Temperature sensors
There are two temperature sensors: temperature sensor 0 (TSENS_0) mapped to ADC_0
and temperature sensor 1 (TSENS_1) mapped to ADC_1.
Mandatory: During power up, the two temperature sensors need to be read by software
(TSENS_0 from ADC_0 channel 15, TSENS_1 from ADC_1 channel 15), which must verify
that the read values are similar as a means of assessing the functionality of the sensors.
However, nothing prohibits reading the temperature sensors during run time if needed.
Note:
Rationale: A means of assessing functionality of the temperature sensors
Mandatory: In addition, the temperature must be acquired from at least one of the
temperature sensors by software every FTTI during run time. In case of a fault, software
must move the system to a safe state.
Note:
Rationale: To detect over-temperature faults
To set a proper threshold the customer must consider that the maximum operating junction
temperature is 150 °C (See the Device_Number data sheet) and the temperature sensor
accuracy is 10° C.
Note:
Implementation hint: See the Device_Number Reference Manual for details on TSENS_x
implementation in relation to the ADC.
It is important to note that the ADC is part of the temperature measuring safety integrity
function. Therefore, it is required that the BIST of the ADC be executed once after boot even
if the ADC is not used by the application.
Table 12. Software BIST and/or test
Software BIST or test
Frequency
SUPPLY SELF-TEST
Once after boot
RESISTIVE-CAPACITIVE SELF-TEST
Once after boot
CAPACITIVE SELF-TEST
Once after boot
ADC0_SWTEST_REGCRC
Once after programming
ADC1_SWTEST_REGCRC
Once after progamming
SIUL_SWTEST_REGCRC
Once after progamming
ADC_SWTEST_CMP
Once for every acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com