Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 35Page - STMicroelectronics AN3077 Datasheet HTML 36Page - STMicroelectronics AN3077 Datasheet HTML 37Page - STMicroelectronics AN3077 Datasheet HTML 38Page - STMicroelectronics AN3077 Datasheet HTML 39Page - STMicroelectronics AN3077 Datasheet HTML 40Page - STMicroelectronics AN3077 Datasheet HTML 41Page - STMicroelectronics AN3077 Datasheet HTML 42Page - STMicroelectronics AN3077 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DocID16384 Rev 10
39/82
AN3077
Functional safety requirements for application software
81
In CTU mode, the CTU module takes care of the hardware self-test activation, flow
monitoring, and timing. It is important to note that in this operating mode, the CPU does not
take part in running the hardware self-test.
HW self-tests use analog watchdogs to verify the outcome of self-test conversions. The
reference thresholds of these watchdogs are saved in test sector (See “Test flash memory”
section and “Test flash information” table in the Device_Number Reference Manual).
Mandatory: Before running the HW self-test, the customer must copy these thresholds from
the test sector into the watchdog registers (See “Self test analog watchdog” section of the
Device_Number Reference Manual).
Note:
Rationale: To set the correct threshold for the self-tests
Note:
Implementation hint: Since user can not directly read the test sector an SSCM feature,
called Test Flash Enable, shall be exploited. This action is performed through the following
steps:
1.
If code is executing in flash memory, it jumps to execute from RAM.
2.
Write SSCM_SCTR[TFE] = 1.
3.
Test sector is readable at the offset 0x0 of the flash memory address space (See
“System Status and Configuration Module (SSCM)” of the Reference Manual).
4.
Thresholds are copied from the test sector to the respective register.
5.
Write SSCM_SCTR[TFE] = 0.
6.
Code can continue execution from the flash memory.
BAM implements an access method to read the test sector.
Mandatory: Since the BAM is not developed according to the safety standard, a safety
application is not allowed to read the test sector through the BAM access method.
Additionally, a watchdog timer is implemented to check the sequence of the self-test
algorithms.
Mandatory: The customer must enable the watchdog timer for CPU mode and CTU mode.
The programmable watchdog timeout is the FTTI(h).
Note:
Rationale: To check the sequence of the self-test algorithms
Every hardware BIST is activated via a dedicated command sent to the ADC. Refer to the
“Self-testing” section in the “ADC” chapter of the Device_Number Reference Manual to have
all detailed instructions for implementing one of these modes.
The supply self-test must be executed without interleaved user conversion.
3.15.1.1.4
Software tests
ADC_SWTEST_TEST1
This software BIST exploits the presampling feature of the ADC. Presampling allows to
precharge or discharge the ADC internal capacitor before it starts the sampling and
conversion phases of the analog input coming from pads. During presampling phase,
h.
This action is not mandatory in case of Double Read Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com