Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 63Page - STMicroelectronics AN3077 Datasheet HTML 64Page - STMicroelectronics AN3077 Datasheet HTML 65Page - STMicroelectronics AN3077 Datasheet HTML 66Page - STMicroelectronics AN3077 Datasheet HTML 67Page - STMicroelectronics AN3077 Datasheet HTML 68Page - STMicroelectronics AN3077 Datasheet HTML 69Page - STMicroelectronics AN3077 Datasheet HTML 70Page - STMicroelectronics AN3077 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
DocID16384 Rev 10
67/82
AN3077
ECC logic test
81
6
ECC logic test
6.1
Overview
This appendix describes the required information on how to develop the software for such
ECC logic test.
A flash memory ECC logic test is needed to perform a test to check flash memory ECC logic
every FTTI (10 ms).
The goal is to ensure high coverage of the faults in ECC logic with minimum performance
penalty to customer’s application. Thus, the performance penalty must be less than 2%
which means that the test lasts less than 200 µs considering a FTTI of 10 ms.
The Device_Number flash memory has a UTEST (user-test) mode ECC logic check feature
which can be utilized for this ECC logic test. A data pattern with walking 0 through data and
ECC parity bits can be applied during the ECC logic check procedure to achieve high fault
coverage of the ECC logic and fast execution.
6.2
Data pattern - Walking 0
To reach the needed performances the use of the data pattern with walking 0 through data
and ECC parity bits must be used. Table 20 shows the data vectors.
Table 20. Data pattern used by the ECC logic test(1)
1.
Each vector is a 72-bit ECC code-word.
Data vector number
8-bit ECC parity bits
64-bit data bits
0
0xFF
0xFFFF_FFFF_FFFF_FFFE
1
0xFF
0xFFFF_FFFF_FFFF_FFFD
2
0xFF
0xFFFF_FFFF_FFFF_FFFB
3
0xFF
0xFFFF_FFFF_FFFF_FFF7
4
0xFF
0xFFFF_FFFF_FFFF_FFEF
5
0xFF
0xFFFF_FFFF_FFFF_FFDF
6
0xFF
0xFFFF_FFFF_FFFF_FFBF
7
0xFF
0xFFFF_FFFF_FFFF_FF7F
...
...
...
62
0xFF
0xBFFF_FFFF_FFFF_FFFF
63
0xFF
0x7FFF_FFFF_FFFF_FFFF
64
0xFE
0xFFFF_FFFF_FFFF_FFFF
65
0xFD
0xFFFF_FFFF_FFFF_FFFF
...
...
...
71
0x7F
0xFFFF_FFFF_FFFF_FFFF
72
0xFF
0xFFFF_FFFF_FFFF_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com