Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics AN3077 Datasheet HTML 30Page - STMicroelectronics AN3077 Datasheet HTML 31Page - STMicroelectronics AN3077 Datasheet HTML 32Page - STMicroelectronics AN3077 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
DocID16384 Rev 10
29/82
AN3077
Functional safety requirements for application software
81
The pads shall be configured via the appropriate pad configuration registers (PCRn) in the
SIUL module.
3.13.5
Write PWM Outputs
For ASIL D applications, PWM outputs used for safety purposes are assumed to be written
either redundantly or with read back as described in the following section.
The element safety function Write PWM Output is implemented as Double Write PWM
Outputs or Single Write PWM Outputs With Read Back.
3.13.5.1
Double Write PWM Outputs
The hardware elements eTimer_0 and eTimer_1 or FlexPWM_0 and FlexPWM_1 are used
to perform a Double Write PWM Output.
Mandatory: These units must be configured to implement two PWM channels. The SIUL
must be configured to define the configuration of the output pads used. The software must
perform a double write.
Mandatory: Redundant pads must not be adjacent and pad configuration/data registers
must be separate SIUL registers (see Section 7, I/O pin/ball configuration for details).
Note:
Rationale: To avoid CCF
Mandatory: To guarantee the integrity of the two output channels, the application should
test the SIUL configuration implementing the SIUL_SWTEST_REGCRC.
Note:
Rationale: To avoid CCF caused by incorrect configuration of the pads
Mandatory: The application software must implement a test for the eTimer_0 and eTimer_1
configuration (ETIMER0_SWTEST_REGCRC, ETIMER1_SWTEST_REGCRC) or for the
FlexPWM_0 and FlexPWM_1 configuration (FLEXPWM0_SWTEST_REGCRC,
FLEXPWM1_SWTEST_REGCRC) and a software write (PWMDW_SWAPP_WRITE).
Note:
Rationale: To verify that the configuration of the modules used by this safety function
adhere to the expected configuration
Table 7. Software BIST and/or test
Software BIST or test
Frequency
SIUL_SWTEST_REGCRC
Once after programming
GPODW_SWAPP_WRITE
Once every write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com