Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics AN3077 Datasheet HTML 30Page - STMicroelectronics AN3077 Datasheet HTML 31Page - STMicroelectronics AN3077 Datasheet HTML 32Page - STMicroelectronics AN3077 Datasheet HTML 33Page - STMicroelectronics AN3077 Datasheet HTML 34Page - STMicroelectronics AN3077 Datasheet HTML 35Page - STMicroelectronics AN3077 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Functional safety requirements for application software
AN3077
32/82
DocID16384 Rev 10
Note:
Implementation hint: A single channel of the eTimer is used with a multiplexing of the
internal read back of the different output of the FlexPWM. The read back paths are limited to
six signals, two for each sub-module of the FlexPWM.
Mandatory: The application software must implement software tests for eTimer_0 and
eTimer_1 configurations:
●
FLEXPWM0_SWTEST_REGCRC
●
FLEXPWM1_SWTEST_REGCRC
●
ETIMER0_SWTEST_REGCRC
●
ETIMER1_SWTEST_REGCRC
Note:
Rationale: To verify that the configuration of the modules used by this safety function
adheres to the expected configuration
Mandatory: The application software must write to the output port and then compare the
written value via the read back (See item PWMRB_SWTEST_CMP below).
Note:
Rationale: To verify that written data is what is expected
Figure 7. Single Write PWM Output With Read Back configuration
eTimer
I
PWM Out Single Write External
Readback Configuration
Flex
PWM
eTimer
I
PWM Out Single Write Internal
Readback Configuration
Flex
PWM
O
O
ETC[x]
n[z]*
n[z]*
* Note: n[z] represents any FlexPWM output.
I
= Input Pad
O
= Output Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com