Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 18Page - STMicroelectronics AN3077 Datasheet HTML 19Page - STMicroelectronics AN3077 Datasheet HTML 20Page - STMicroelectronics AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics AN3077 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
Functional safety requirements for application software
AN3077
22/82
DocID16384 Rev 10
Note:
Implementation hint: The eDMA and CRC modules should be used to implement these
SIFs to avoid overloading the CPU.
●
ETIMERI_SWTEST_CMP
This software BIST is used to execute the comparison between the double reads
performed by a channel on eTimer_0 and another channel on eTimer_1. The
comparison must take into account possible approximation because of different
capturing of the input asynchronous signals.
3.13.2.1.4
Implementation details
The following hardware elements shall be used for the safety function:
●
eTimer_0 channels
●
eTimer_1 channels
Mandatory: The user must select one channel from the eTimer_0 module and another from
the eTimer_1.
Note:
Rationale: To avoid CCF (eTimer_0 and eTimer_1 belonging to different lakes)
Mandatory: The pads shall be configured via the appropriate pad configuration registers
(SIUL_PCRn).
Note:
Rationale: To configure pads used by this safety function
3.13.3
Read Encoder Inputs
For ASIL D applications, encoder inputs used for safety purposes are assumed to be
acquired redundantly as described in the following section.
Read Encoder Input means any input read related to signal transitions (rise or fall). This
may also include signals coming from an encoder.
3.13.3.1
Double Read Encoder Inputs
3.13.3.1.1
Hardware elements
A Double Read Encoder Input is implemented using two channels that can be provided by:
●
eTimer_0
●
eTimer_1
●
SIUL
When both channels are provided by the timer units, the signals of one encoder must be
addressed to eTimer_0 and the signals of the other encoder must be addressed to
eTimer_1. Alternatively, one or both channels can be provided by the SIUL, which supports
interrupt based reading of encoder signals. This means the SIUL must use general purpose
Table 4. Software BIST and/or test
Software BIST or test
Frequency
ETIMER0_SWTEST_REGCRC
Once after programming
ETIMER1_SWTEST_REGCRC
Once after programming
SIUL_SWTEST_REGCRC
Once after programming
ETIMERI_SWTEST_CMP
Once for every acquisition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com