Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 27Page - STMicroelectronics AN3077 Datasheet HTML 28Page - STMicroelectronics AN3077 Datasheet HTML 29Page - STMicroelectronics AN3077 Datasheet HTML 30Page - STMicroelectronics AN3077 Datasheet HTML 31Page - STMicroelectronics AN3077 Datasheet HTML 32Page - STMicroelectronics AN3077 Datasheet HTML 33Page - STMicroelectronics AN3077 Datasheet HTML 34Page - STMicroelectronics AN3077 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
DocID16384 Rev 10
31/82
AN3077
Functional safety requirements for application software
81
Mandatory: The output write of a redundant PWM channel must be implemented by writing
the new output values to both the PWM channels. The customer can decide whether to use
both eTimers (eTimer_0, eTimer_1) or both FlexPWMs (FlexPWM_0, FlexPWM_1), See
Figure 6.
Note:
Rationale: To write a digital output by exploiting redundancy, and modules must belong to
different lakes to decrease the probability of CCF
3.13.5.1.2
Implementation details
The following hardware elements shall be used for the safety function:
●
eTimer_0 channels
●
eTimer_1 channels
●
FlexPWM_0 channels
●
FlexPWM_1 channels
Mandatory: The pads shall be configured via the appropriate pad configuration registers
(PCRn) in the SIUL module.
Note:
Rationale: To configure pads used by this safety function
3.13.5.2
Single Write PWM Outputs With Read Back
The hardware elements eTimer_0 and FlexPWM_1 or eTimer_1 and FlexPWM_0 are used
to perform a Write PWM Output With Read Back(f). These units must be configured to
implement one PWM output channel and (via internal read back) the eTimer_0 input PWM
channel. The SIUL must be configured to define the configuration of the output pads used.
The software must perform a write operation followed by a read operation. To guarantee the
integrity of the configuration of the channels, the application should test the SIUL
configuration implementing the SIUL_SWTEST_REGCRC (to avoid a common failure
caused by misconfiguration of the pads).
Table 8. Software BIST and/or test
Software BIST or test
Frequency
SIUL_SWTEST_REGCRC
Once after programming3
ETIMER0_SWTEST_REGCRC1
Once after programming
ETIMER1_SWTEST_REGCRC1
Once after programming
FLEXPWM0_SWTEST_REGCRC2
Once after programming
FLEXPWM1_SWTEST_REGCRC2
Once after programming
PWMDW_SWAPP_WRITE
Once every write
1.
This software BIST is needed only if the eTimer channels are used for the safety function
2.
This software BIST is needed only if the FlexPWM channels are used for the safety function
3.
If a change in a single SIUL configuration register is capable of affecting both the output and the read-
back paths, then SIUL_SWTEST_REGCRC must be executed every FTTI. In all other cases
configuration errors are covered by the software comparison.
f.
eTimer_0 and FlexPWM_0 (eTimer_1 and FlexPWM_1) cannot be used in combination due to the same LBIST
partition assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com