Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3077 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 45Page - STMicroelectronics AN3077 Datasheet HTML 46Page - STMicroelectronics AN3077 Datasheet HTML 47Page - STMicroelectronics AN3077 Datasheet HTML 48Page - STMicroelectronics AN3077 Datasheet HTML 49Page - STMicroelectronics AN3077 Datasheet HTML 50Page - STMicroelectronics AN3077 Datasheet HTML 51Page - STMicroelectronics AN3077 Datasheet HTML 52Page - STMicroelectronics AN3077 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
DocID16384 Rev 10
49/82
AN3077
Functional safety requirements for application software
81
Note:
Implementation hint: In general, the following two application-dependent configurations
must be executed before CMU monitoring will be enabled:
●
The first configuration is related to the XOSC_CLK monitor of CMU_0. The software
shall configure CMU_0_CSR[RCDIV] to select a divider for the IRCOSC. The divided
RCOSC frequency will be compared with the XOSC_CLK.
●
The second configuration relates to the other clock signals being monitored. The high
frequency reference (CMU_n_HFREFR_A[HFREF_A]) and low frequency reference
(CMU_n_LFREFR_A[LFREF_A]) shall be configured depending on the SoR (CMU_0),
motor control related peripherals (CMU_1) and FlexRay (CMU_2) clock frequencies.
Once the CMUs are configured, the clock monitoring must be enabled by asserting
CMU_n_CSR[CME_A] (= 1).
3.21
Frequency-Modulated Phase-Locked Loop (FMPLL)
Mandatory: Application software has the responsibility of checking that the system uses the
system FMPLL clock as system clock before running any safety element function
(PLL_SWCHECK).
Note:
Rationale: To decrease the risk of a glitch from the crystal or IRCOSC
Note:
Implementation hint: Application software can verify the current system clock by checking
MC_ME_GS[S_SYSCLK] status. MC_ME_GS[S_SYSCLK] = 0x4 indicates system FMPLL
clock is used as system clock.
Mandatory: Each FMPLL provides a loss of lock error indication which is routed to the
MC_RGM and FCCU. The application software must enable the respective fault and
configure the FCCU to manage the fault.
Note:
Rationale: To check the integrity of the FMPLL clock
Since the system can be driven by the IRCOSC, if there is a system clock fault, an FMPLL
fault is considered a Non-Critical Fault (NCF). If the FMPLL successfully relocks after a
clock fault it will typically stay relocked since the locking process includes built in hysteresis
between loosing and regaining the lock.
Note:
Implementation hint: Software must clear FMPLL_n_CR[PLL_FAIL_MASK] so the pll_fail
output is not masked.
To enable the RGM input related to FMPLL loss of clock, RGM_FERD[D_PLLn] and
RGM_FEAR[AR_PLLn] must be configured.
To enable FCCU fault paths, registers in the FCCU must be configured (NCF_CFG0,
NCFS_CFG0, NCF_TOE0, etc.). Loss of lock signals from FMPLL_0 and FMPLL_1 provide
the FCCU NCF[2] and NCF[3] inputs, respectively.
The MC_RGM and FCCU configuration includes the reaction in case of FMPLL loss of lock.
This reaction is application-dependent.
3.22
Internal RC Oscillator (IRCOSC)
The frequency meter of CMU_0 must be exploited to verify the availability and frequency of
the IRCOSC. This feature allows measuring the IRCOSC frequency using the external
oscillator as the clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com