Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 8Page - STMicroelectronics AN4035 Datasheet HTML 9Page - STMicroelectronics AN4035 Datasheet HTML 10Page - STMicroelectronics AN4035 Datasheet HTML 11Page - STMicroelectronics AN4035 Datasheet HTML 12Page - STMicroelectronics AN4035 Datasheet HTML 13Page - STMicroelectronics AN4035 Datasheet HTML 14Page - STMicroelectronics AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
JTAG
AN4035
12/41
Doc ID 022669 Rev 2
Note:
If the shadow flash block is erased without reprogramming a new valid password before a
reset, it contains an illegal password and the debug port is inaccessible.
4.
Subsequent resets clear the JTAG censor password register and the Nexus client TAP
controller holds in reset again. Therefore, the tool must resend the JTAG serial
password, as described above, in order to enable the Nexus client TAP controller
again.
2.5.1
CENSOR_CTRL register
The CENSOR_CTRL register is an shift register path from TDI to TDO selected when the
ENABLE_CENSOR_CTRL instruction is active. The CENSOR_CTRL register transfers its
value to a parallel hold register on the rising edge of TCK when the TAP controller state
machine is in the Update-DR state. The parallel hold register bits CENSOR_CTRL
correspond directly to the JTAGC output control internal signals jtag_censor_ctrl. The
jtag_censor_ctrl signals are used to control chip dependent censorship features. Once the
ENABLE_CENSOR_CTRL instruction is executed, jtag_censor_ctrl remains valid until a
JTAGC reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com