Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics AN4035 Datasheet HTML 32Page - STMicroelectronics AN4035 Datasheet HTML 33Page - STMicroelectronics AN4035 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Nexus Read/Write access block
AN4035
30/41
Doc ID 022669 Rev 2
Figure 20.
Read/Write access data register (RWD)
RWA is shown in Figure 21.
Figure 21.
Read/Write access address register (RWA)
4.1
Nexus register access
Access to the Nexus registers is enabled by loading the Nexus3-Access instruction
(0b00_0111_1100) into the OCMD of the OnCE. Once the Nexus3-Access instruction has
been loaded, reading/writing a Nexus register requires two passes through the DR path the
OnCE TAP controller state machine that are detailed below.
1.
The first pass through the DR selects the Nexus register to be accessed and whether
the access is a read or a write. This is achieved by loading an 8-bit value LSB first into
the JTAG Data Register (DR). The format of this register is described in Table 7.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
Read/Write Data
W
Reset
000
0000
00000
0000
Nexus
Reg
0xA
15
14
13
12
11
10
9
87654
3210
R
Read/Write Data
W
Reset
000
0000
00000
0000
Nexus
Reg
0xA
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
Read/Write Address
W
Reset
0000
00000
0000
000
Nexus
Reg
0x9
15
14
13
12
11
10
987
6543
210
R
Read/Write Address
W
Reset
0000
00000
0000
000
Nexus
Reg
0x9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com