Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 14Page - STMicroelectronics AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics AN4035 Datasheet HTML 17Page - STMicroelectronics AN4035 Datasheet HTML 18Page - STMicroelectronics AN4035 Datasheet HTML 19Page - STMicroelectronics AN4035 Datasheet HTML 20Page - STMicroelectronics AN4035 Datasheet HTML 21Page - STMicroelectronics AN4035 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
On-Chip Emulation (OnCE)
AN4035
18/41
Doc ID 022669 Rev 2
Figure 9 shows writing the value 0b00_0011_0001 to OCMD through the IR path to select a
write to DBCR0 assuming the TAP controller state machine is initially in the RUN-
TEST/IDLE state. The state machine is returned to the RUN-TEST/IDLE state when the
write is complete.
Figure 9.
Signal transitions for writing OCMD to select a write to DBCR0
Figure 10 shows writing the value 0x80000000 to DBCR0 through the DR path to set the
EDM bit assuming the TAP controller state machine is initially in the RUN-TEST/IDLE state.
The state machine is returned to the RUN-TEST/IDLE state when the write is complete.
Figure 10.
Signal transitions for writing DBCR0
3.3.2
Example of OnCE register read
OnCE registers can be read by selecting the register using the RS[0:6] field and setting the
R/W bit in the OnCE command register (OCMD). This requires a scan through the IR path of
the TAP controller state machine to write the OCMD and a scan through the DR path of the
TAP controller state machine to read the selected register. This read example reads DBCR0
after the EDM bit is set.
Figure 11 shows writing the value 0b10_0011_0001 to OCMD through the IR path to select
a read from DBCR0 assuming the TAP controller state machine is initially in the RUN-
TEST/IDLE state. The state machine is returned to the RUN-TEST/IDLE state when the
write is complete.
Data starts on
this clock edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com