Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 9Page - STMicroelectronics AN4035 Datasheet HTML 10Page - STMicroelectronics AN4035 Datasheet HTML 11Page - STMicroelectronics AN4035 Datasheet HTML 12Page - STMicroelectronics AN4035 Datasheet HTML 13Page - STMicroelectronics AN4035 Datasheet HTML 14Page - STMicroelectronics AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics AN4035 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
13/41
3
On-Chip Emulation (OnCE)
All of the SPC56x devices possess a OnCE module for debug control of the Power
Architecture® e200 core. The OnCE logic provides Nexus class 1 static debug capability
including run-time control, register access, and memory access to all memory-mapped
regions including on-chip peripherals, as well as providing access to the Nexus2 & Nexus3
configuration registers. The OnCE module is controlled by the JTAG signals through the
OnCE TAP controller.
Figure 4.
e200z OnCE block diagram
3.1
Enabling the OnCE TAP controller
Control of the OnCE module is obtained through the OnCE TAP controller. To enable the
OnCE TAP controller, the JTAGC must have control of the TAP and the
ACCESS_AUX_TAP_ONCE (0b10001) opcode must be loaded into the 5-bit JTAGC
instruction register with the JCOMP signal set to a logic 1.
The JTAGC instruction register is loaded by scanning in the appropriate bits on the TDI pin,
least significant bit (LSB) first, while in the SHIFT-IR state of the TAP controller state
machine. The last bit is shifted in with TMS set to a logical 1 causing transition from the
SHIFT-IR state to the EXIT1-IR state. Table 3-1 shows the steps required to enable the
OnCE TAP controller, assuming the TAP controller state machine is initially in the RUN-
TCK
e200z0_TMS
TDI
Test Access Port (TAP)
e200z0_TDO
Bypass Register
External Data Register
.
.
Controller
TAP Instruction Register
.
OnCE Mapped Debug Registers
Auxiliary Data Register
.
.
.
e200z0_TRST
(OnCE OCMD)
TDO Mux
Control
{
From
JTAGC
(to JTAGC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com