Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics AN4035 Datasheet HTML 32Page - STMicroelectronics AN4035 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN4035
Nexus Read/Write access block
Doc ID 022669 Rev 2
29/41
Table 6 details the status bit encodings.
RWD is shown in Figure 20.
29–27
SZ
[2:0]
Word size.
0008-bit (byte)
0016-bit (half-word)
01032-bit (word)
01164-bit (double-word - only in burst mode)
100–111 Reserved (default to word)
26–24
MAP
[2:0]
MAP select.
000Primary memory map
001-111 Reserved
23–22
PR
[1:0]
Read/write access priority.
00Lowest access priority
01Reserved (default to lowest priority)
10Reserved (default to lowest priority)
11Highest access priority
21
BST
BST Burst control.
0 Module accesses are single bus cycle at a time.
1 Module accesses are performed as burst operation.
20–16
—
Reserved.
15–2
CNT
[13:0]
Access control count. Number of accesses of word size SZ.
1
ERR
Read/write access error. See Table 4-2.
0
DV
Read/write access data valid. See Table 4-2.
Table 6.
Read/Write access status bit encoding
Read action
Write action
ERR
DV
Read access has not
completed
Write access completed
without error
00
Read access error has
occurred
Write access error has
occurred
10
Read access
completed without error
Write access has not
completed
01
Not allowed
Not allowed
1
1
Table 5.
RWCS field description (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com