Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics AN4035 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Nexus Read/Write access block
AN4035
28/41
Doc ID 022669 Rev 2
4
Nexus Read/Write access block
The Nexus module provided on the cores of the SPC56x family of devices offers the
capability for program trace, data trace, ownership trace, watchpoint messaging and trigger,
and read/write (R/W) access to memory mapped regions. This section covers R/W access
using the Nexus R/W access block. The other features of the Nexus module are out of the
scope of this document and is not covered.
Unlike the OnCE method of memory access, the Nexus R/W access block provides the
ability to read and write memory without having to stop code execution by entering debug
mode. The Nexus R/W access method provides faster memory access over the OnCE
method due to fewer JTAG scans, and it doesn’t require loading and single stepping over
any instructions. The Nexus R/W access block is independent of the CPU.
The R/W access block is controlled by three Nexus registers. These registers are the
Read/Write Access Control/Status register (RWCS), Read/Write Access Data register
(RWD), and Read/Write Access Address register (RWA). Access to the Nexus registers is
covered inSection 4.1. RWCS is shown in Figure 19 and Figure 5 gives the field
descriptions.
Figure 19.
Read/Write Access Control/Status Register (RWCS)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
AC
RW
SZ
MAP
PR
BST
00000
W
Reset
0
0
00000
0
00
0
0
00000
Nexus
Reg
0x7
15
14
13
12
11
10
9
8765
43210
R
CNT
ERR
DV
W
Reset
0
0
00000
0000
00000
Nexus
Reg
0x7
Table 5.
RWCS field description
Bits
Name
Description
31
AC
Access control.
0 End access
1 Start access
30
RW
Read/write select.
0 Read access
1 Write access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com