Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 12Page - STMicroelectronics AN4035 Datasheet HTML 13Page - STMicroelectronics AN4035 Datasheet HTML 14Page - STMicroelectronics AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics AN4035 Datasheet HTML 17Page - STMicroelectronics AN4035 Datasheet HTML 18Page - STMicroelectronics AN4035 Datasheet HTML 19Page - STMicroelectronics AN4035 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
On-Chip Emulation (OnCE)
AN4035
16/41
Doc ID 022669 Rev 2
Table 4 shows the OnCE register addresses. Access to the registers CPUSCR, DAC1-2,
DBCNT, DBCR0-3, DBSR, and IAC1-4 require that the external debug mode bit,
DBCR0[EDM], be set to a logical 1. Only the DBCR0[EDM] is accessible in the DBCR0
register prior to that bit being set. Setting DBCR0[EDM] enables external debug mode and
disables software updates to debug registers. The CPU should be placed in debug mode via
the OCR[DR] bit prior to setting the DBCR0[EDM] bit.
2EX
0 Remain in debug mode
1 Leave debug mode
If the EX bit is set, the processor leaves debug mode and resume normal operation until
another debug request is generated. The Exit command is executed only if the Go command
is issued, and the operation is a read/write to CPUSCR or a read/write to “No Register
Selected”. Otherwise the EX bit is ignored.
The processor leaves debug mode after the TAP controller Update-DR state is entered. Note
that if the DR bit in the OnCE control register is set or remains set, or if a bit in the DBSR is set,
or if a bit in the DBSR is set and DBCR0[EDM]=1 (external debug mode is enabled), then the
processor may return to debug mode without execution of an instruction, even though the EX
bit was set.
3-9
RS
Register Select
The Register Select bits define which register is source (destination) for the read (write)
operation. Attempted writes to read-only registers are ignored.
Table 3.
OnCE command register bit definitions (continued)
Bit(s)
Name
Description
Table 4.
e200z0 OnCE Register Addressing
RS[0:6]
Register selected
000 0000
Reserved
000 0001
Reserved
000 0010
JTAG ID (read-only)
000 0011-000 1111
Reserved
001 0000
CPU Scan Register (CPUSCR)
001 0001
No Register Selected (Bypass)
001 0010
OnCE Control Register (OCR)
001 0011-001 1111
Reserved
010 0000
Instruction Address Compare 1 (IAC1)
010 0001
Instruction Address Compare 2 (IAC2)
010 0010
Instruction Address Compare 3 (IAC3)
010 0011
Instruction Address Compare 4 (IAC4)
010 0100
Data Address Compare 1 (DAC1)
010 0101
Data Address Compare 2 (DAC2)
010 0110
Data Value Compare 1 (DVC1)
010 0111
Data Value Compare 2 (DVC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com