Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 33Page - STMicroelectronics AN4035 Datasheet HTML 34Page - STMicroelectronics AN4035 Datasheet HTML 35Page - STMicroelectronics AN4035 Datasheet HTML 36Page - STMicroelectronics AN4035 Datasheet HTML 37Page - STMicroelectronics AN4035 Datasheet HTML 38Page - STMicroelectronics AN4035 Datasheet HTML 39Page - STMicroelectronics AN4035 Datasheet HTML 40Page - STMicroelectronics AN4035 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AN4035
Creating the Flash programming tool
Doc ID 022669 Rev 2
37/41
6.2.2
FlashInit
After the drivers are loaded into internal SRAM, operations on the Flash can begin. The
FlashInit driver should be called first to initialize the Flash.
This function reads the Flash configuration information from the Flash control registers and
initialize parameters in SSD configuration structure. ‘FlashInit()’ must be called prior to any
other flash operations.
The steps required are outlined below.
1.
Setup the SSD_CONFIG structure as required. This is documented in the SSD user’s
manual. The user should correctly initialize the fields c90flRegBase, mainArrayBase,
shadowRowBase, shadowRowSize, pageSize, and BDMEnable. The other fields are
initialized when FlashInit is executed. BDMEnable should be set to 1 to cause debug
mode to be entered via a software breakpoint when each driver completes execution.
This is the easiest way for the external tool to determine when driver execution is
complete.
2.
Setup r1 as the stack pointer by writing r1 using the method described in Section 3.10:
GPR access.
3.
Setup r3 to point to the SSD_CONFIG structure in internal SRAM.
4.
Set the PC to the beginning of FlashInit minus 0x4 and load the IR with a nop
(0x60000000). See Section 3.7: CPU Status and Control Scan Chain Register
(CPUSCR) for details.
5.
Exit debug mode and begin execution of the driver as described in Section 3.9: Exit
from debug mode to normal execution.
6.
Poll the OnCE Status Register to determine when debug mode has been re-entered.
Reading the OnCE Status Register is described in Section 3.4: OnCE status register.
7.
When debug mode has been entered, read the return value in r3.
6.2.3
SetLock
After the Flash has been initialized using the FlashInit function, the SetLock function should
be called as many times as required to unlock or lock the appropriate Flash blocks. This
function sets the block lock state for Shadow/Low/Middle/High address space on the C90FL
module to protect them from program/erase. The API provides password to enable block
lock register writes when needed and write the block lock value to block lock register for the
requested address space.
For the low and mid blocks as well as the shadow block, the lock bits in both the primary and
secondary lock registers must be set appropriately. It is recommended to lock the shadow
block unless programming of the shadow block is absolutely necessary. Erasing the shadow
block without re-programming the censorship information prior to a reset causes the device
to be censored with an invalid password and the Flash of the device is not able to be
uncensored.
The steps to call the SetLock driver are listed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com