Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 20Page - STMicroelectronics AN4035 Datasheet HTML 21Page - STMicroelectronics AN4035 Datasheet HTML 22Page - STMicroelectronics AN4035 Datasheet HTML 23Page - STMicroelectronics AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
On-Chip Emulation (OnCE)
AN4035
24/41
Doc ID 022669 Rev 2
VLE, bits IRstat8 and IRstat9 of the CTL do not exist. Below is a description of the IRStat8
bit.
All other CTL bits are discussed as needed.
IR contains a BookE instruction.
IR contains a PowerPC VLE instruction, aligned in the most significant portion of IR if
16-bit.
3.7.3
Program Counter Register (PC)
The PC stores the value of the program counter that was present when debug mode was
entered. The PC value is affected by operations performed during debug mode and must be
restored prior to exiting debug mode. It may be necessary to adjust the PC before exiting
debug mode according the PCOFST field in the CTL. If the external tool desires to redirect
program flow to an arbitrary location, the PC and IR should be initialized corresponding to
the first instruction to be executed. Alternatively, the IR may be set to a nop instruction and
the PC may be set to the location prior to the location at which it is desired to redirect flow.
When debug mode is exited, the nop executes and then instruction fetch and execution
begins at the location which it is desired to redirect flow.
3.7.4
Write-Back Bus Register (WBBRlow, WBBRhigh)
WBBR is used as a means of passing operand information to/from the CPU from/to the
external tool. Whenever the external tool needs to read the contents of a CPU register or
memory location, it can force the CPU to single step an instruction that brings that
information to WBBR. To write the contents of a CPU register or memory location, the
external tool can force the CPU to single step an instruction that uses the information in
WBBR. For the purpose of this document, only WBBRlow is used. WBBRhigh is used for SPE
instructions that generate 64-bit results or use 64-bit operands. Such instructions are
outside the scope of this document.
3.7.5
Machine State Register (MSR)
The MSR is used to read/write the machine state register of the CPU. This register is
affected by operations performed while in debug mode. If consistency of the machine state
is desired, the MSR should be saved when entering debug mode and restored prior to
exiting debug mode.
3.8
Single step
Single stepping of instructions is achieved by first placing the CPU in debug mode if the
CPU is not already in debug mode. The next step is to write the appropriate information into
the CPU scan chain register (CPUSCR), followed by writing to OCMD to set the OCMD[GO]
bit and clear the OCMD[EX] bit with the OCMD[RS] field indicating either the CPUSCR or
No Register Selected. Once debug mode has been entered, it is required that a scan in and
update to the CPUSCR must be performed prior to single stepping. For single step, the CPU
returns to debug mode after executing a single instruction. The external tool should read the
OnCE status register (OSR) to verify that the CPU has returned to debug mode without the
OSR. During single step, exception conditions can occur, if not masked, and may prevent
the desired instruction from being executed. After stepping over the instruction, the core
fetches the next instruction. The new program counter and instruction are loaded into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com