Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 13Page - STMicroelectronics AN4035 Datasheet HTML 14Page - STMicroelectronics AN4035 Datasheet HTML 15Page - STMicroelectronics AN4035 Datasheet HTML 16Page - STMicroelectronics AN4035 Datasheet HTML 17Page - STMicroelectronics AN4035 Datasheet HTML 18Page - STMicroelectronics AN4035 Datasheet HTML 19Page - STMicroelectronics AN4035 Datasheet HTML 20Page - STMicroelectronics AN4035 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
17/41
3.3.1
Example of OnCE register write
OnCE registers can be written by selecting the register using the RS[0:6] field and clearing
the R/W bit in the OnCE command register (OCMD). This requires a scan through the IR
path of the TAP controller state machine to write the OCMD and a scan through the DR path
of the TAP controller state machine to write the selected register. As mentioned above, the
external debug mode bit, DBCR0[EDM], must be set to a logical 1 to allow access to most of
the OnCE registers. Therefore, writing the DCBR0 register to set the EDM bit is used as an
example of a writing a OnCE register. Figure 8 shows the register definition of DBCR0.
Figure 8.
DBCR0 register
The example of writing DBCR0 is divided into two parts: writing OCMD to select a write to
DBCR0, and writing the value 0x80000000 to DBCR0. All data are scanned in least
significant bit first.
010 1000 -010 1011
Reserved
010 1100
Debug Counter Register (DBCNT)
010 1101
Debug PCFIFO (PCFIFO) (read-only)
010 1110 -010 1111
Reserved
011 0000
Debug Status Register (DBSR)
011 0001
Debug Control Register 0 (DBCR0)
011 0010
Debug Control Register 1 (DBCR1)
011 0011
Debug Control Register 2 (DBCR2)
011 0100-101 1111
Reserved
111 0000 -111 1001
General Purpose register selects [0:9]
111 1010
Cache Debug Access Control Register (CDACNTL)
111 1011
Cache Debug Access Data Register (CDADATA)
111 1100
Nexus3-Access
111 1101
Reserved
111 1110
Enable_OnCE
111 1111
Bypass
Table 4.
e200z0 OnCE Register Addressing (continued)
RS[0:6]
Register selected
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
R
EDM
IDM
RST
ICMP
BRT
IRPT
TRAP
IAC1
IAC2
IAC3
IAC4
DAC1
DAC2
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
00
00
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
RET
000
0
DEVT1 DEVT2 DCNT1 DCNT2 CRPT CRET
00
00
FT
W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com