Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 34Page - STMicroelectronics AN4035 Datasheet HTML 35Page - STMicroelectronics AN4035 Datasheet HTML 36Page - STMicroelectronics AN4035 Datasheet HTML 37Page - STMicroelectronics AN4035 Datasheet HTML 38Page - STMicroelectronics AN4035 Datasheet HTML 39Page - STMicroelectronics AN4035 Datasheet HTML 40Page - STMicroelectronics AN4035 Datasheet HTML 41Page - STMicroelectronics AN4035 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Creating the Flash programming tool
AN4035
40/41
Doc ID 022669 Rev 2
6.3
Functional division of the external tool
Before creating the external tool for Flash programming, thought should be given to how the
software should be divided to meet the tool’s functional requirements. The following list
gives an example of a simple functional division of the software:
●
OnCE TAP controller enable, Section 3.1: Enabling the OnCE TAP controller.
●
OnCE register read, Section 3.2: OnCE register access.
●
OnCE register write, Section 3.2: OnCE register access.
●
OnCE status register read, Section 3.4: OnCE status register.
●
Debug mode during reset, Section 3.5: Entering debug mode during reset.
●
Single step, Section 3.8: Single step.
●
Exit from debug mode, Section 3.9: Exit from debug mode to normal execution.
●
Write GPR, Section 3.10: GPR access.
●
Read GPR, Section 3.10: GPR access.
●
Write SPR, Section 3.11: SPR access.
●
Read SPR, Section 3.11: SPR access.
●
OnCE memory read, Section 3.12: OnCE memory access.
●
OnCE memory write, Section 3.12: OnCE memory access.
●
Nexus3 single write, Section 4.2: Single memory write access.
●
Nexus3 burst write, Section 4.3: Burst block memory write access.
●
Nexus3 single read, Section 4.4: Single memory read access.
●
Nexus3 burst read, Section 4.5: Burst block memory read access.
●
MMU initialization, Section 5.2: Setting up the memory management unit.
●
Internal SRAM initialization,Section 5.1: Internal SRAM initialization.
●
S-record parser and loader.
●
Debug and driver initialization, Section 6.2.1: Debug and driver initialization.
●
Flash initialization, Section 6.2.2: FlashInit.
●
Flash block lock initialization, Section 6.2.3: SetLock.
●
Flash erase, Section 6.2.4: FlashErase.
●
Flash program, Section 6.2.5: FlashProgram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com