Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4035 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 23Page - STMicroelectronics AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics AN4035 Datasheet HTML 30Page - STMicroelectronics AN4035 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
27/41
3.13.1
Software breakpoints
Recognition of software breakpoints by the OnCE module are enabled by setting the
OCR[FDB] bit along with the DBCR0[EDM] bit. Upon executing a bkpt pseudo-instruction,
the CPU enters debug mode after the instruction following the bkpt pseudo-instruction has
entered the instruction register. The bkpt pseudo-instruction is defined to be an all 0’s
instruction opcode.
3.13.2
Instruction address hardware breakpoints
The OnCE module provides the capability to set up to four instruction address hardware
breakpoints.
When an instruction address breakpoint is hit, the CPU enters debug mode prior to
executing the instruction at that address location. When debug mode is entered due to a
breakpoint, the CPUSCR holds the address at which the breakpoint was set in the PC, and
the IR contains the instruction at that address.
To use an instruction address hardware breakpoint, these steps are required:
1.
Write the address at which a breakpoint is desired to one of the instruction address
compare registers IAC1, IAC2, IAC3, or IAC4.
2.
Enable the instruction address compare debug event in the DBCR0 by setting the
appropriate enable bit; DBCR0[IAC1], DBCR0[IAC2], DBCR0[IAC3], or DBCR0[IAC4].
3.
Exit from debug mode to normal execution to execute the desired code.
4.
Poll the DBSR for the appropriate status bit to be set; DBSR[IAC1], DBSR[IAC2],
DBSR[IAC3], or DBSR[IAC4].
5.
If the appropriate status bit in DBSR is set, verify entry into debug mode by reading the
OnCE status register.
6.
Clear the appropriate status bit by writing a 1 to that bit location in the DBSR;
DBSR[IAC1], DBSR[IAC2], DBSR[IAC3], or DBSR[IAC4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com