Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 390 page
background image
UM0434
Register model
53/391
Table 22.
SPEFSCR field descriptions
Bits
Name
Description
32
SOVH
Summary integer overflow high. Set whenever an instruction sets OVH and remains set until it is
cleared by an mtspr specifying the SPEFSCR.
33
OVH
Integer overflow high. Set whenever an integer or fractional SPE instruction signals an overflow in
the upper half of the result.
34
FGH
Embedded floating-point guard bit high. For use by the floating-point round exception handler. It
is cleared by a floating-point data exception for the high elements. FGH corresponds to the high
element result. FGH is cleared by a scalar floating-point instruction.
35
FXH
Embedded floating-point sticky bit high. Supplied for use by the floating-point round exception
handler. Zeroed if a floating-point data exception occurred for the high elements. FXH
corresponds to the high element result. FXH is cleared by a scalar floating point instruction.
36
FINVH
Embedded floating-point invalid operation/input error high.
In mode 0, set if the A or B high element operand of a floating-point instruction is Infinity, NaN, or
Denorm, or if the operation is a divide and the high element dividend and divisor are both 0.
In mode 1, FINVH is set on an IEEE754 invalid operation (IEEE754-1985 sec7.1) in the high
element. Cleared by a scalar floating-point instruction.
37
FDBZH
Embedded floating-point divide by zero high. Set when a floating-point divide instruction executes
with a high element divisor of 0 and the high element dividend is a finite non-zero number.
Cleared by a scalar floating-point instruction.
38
FUNFH
Embedded floating-point underflow high. Set when the execution of a floating-point instruction
results in an underflow in the high element. FUNFH is cleared by a scalar floating-point
instruction.
39
FOVFH
Embedded floating-point overflow high. Set when the execution of a floating-point instruction
results in an overflow in the high element. Cleared by a scalar floating point instruction.
40–41
—
Reserved, should be cleared.
42
FINXS
Embedded floating-point inexact sticky flag. Set under one of the following conditions:
The execution of a floating-point instruction delivers an inexact result for either the low or high
element and no floating-point data exception is taken for either element
A floating-point instruction causes overflow (FOVF=1 or FOVFH=1), but floating-point overflow
exceptions are disabled (FOVFE=0)
A floating-point instruction results in underflow (FUNF=1 or FUNFH=1), but floating-point
underflow exceptions are disabled (FUNFE=0) and no floating-point data exception occurs.
FINXS remains set until it is cleared by an mtspr specifying SPEFSCR.
43
FINVS
Embedded floating-point invalid operation sticky flag. Set when a floating-point instruction sets
FINVH or FINV. FINVS remains set until it is cleared by an mtspr instruction specifying
SPEFSCR.
44
FDBZS
Embedded floating-point divide by zero sticky flag. Set when a floating-point divide instruction
sets FDBZH or FDBZ. FDBZS remains set until it is cleared by an mtspr specifying SPEFSCR.
45
FUNFS
Embedded floating-point underflow sticky flag. Set when a floating-point instruction sets FUNFH
or FUNF. FUNFS remains set until it is cleared by an mtspr specifying SPEFSCR.
46
FOVFS
Embedded floating-point overflow sticky flag. Set when a floating-point instruction sets FOVFH or
FOVF. FOVFS remains set until it is cleared by an mtspr specifying SPEFSCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com