Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 26Page - STMicroelectronics UM0434 Datasheet HTML 27Page - STMicroelectronics UM0434 Datasheet HTML 28Page - STMicroelectronics UM0434 Datasheet HTML 29Page - STMicroelectronics UM0434 Datasheet HTML 30Page - STMicroelectronics UM0434 Datasheet HTML 31Page - STMicroelectronics UM0434 Datasheet HTML 32Page - STMicroelectronics UM0434 Datasheet HTML 33Page - STMicroelectronics UM0434 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 390 page
background image
UM0434
e200z3 core complex overview
31/391
(CSRR0/CSRR1) to save state when they are taken, and they use the rfci instruction to
restore state. These interrupts can be masked by the critical enable bit, MSR[CE].
Book E defines the critical input, watchdog timer, and machine check interrupts as
critical interrupts, but the e200z3 core defines a third set of resources for the debug
interrupt, as described in
Table 4.
All interrupts except debug interrupts are ordered within the two categories of noncritical
and critical, such that only one interrupt of each category is reported, and when it is
processed (taken), no program state is lost. Because save/restore register pairs are serially
reusable, program state may be lost when an unordered interrupt is taken.
3.5.4
Interrupt registers
Table 4.
Interrupt registers
Register
Description
Noncritical interrupt registers
SRR0
Save/restore register 0—Stores the address of the instruction causing the exception or
the address of the instruction that will execute after the rfi instruction.
SRR1
Save/restore register 1—Saves machine state on noncritical interrupts and restores
machine state after an rfi instruction is executed.
Critical interrupt registers
CSRR0
Critical save/restore register 0—On critical interrupts, stores either the address of the
instruction causing the exception or the address of the instruction that executes after the
rfci.
CSRR1
Critical save/restore register 1—Saves machine state on critical interrupts and restores
machine state after an rfci instruction is executed.
Debug interrupt registers
DSRR0
Debug save/restore register 0—Used to store the address of the instruction that will
execute after an rfdi instruction is executed.
DSRR1
Debug save/restore register 1—Stores machine state on debug interrupts and restores
machine state after an rfdi instruction is executed.
Syndrome registers
MCSR
Machine check syndrome register—Saves machine check syndrome information on
machine check interrupts.
ESR
Exception syndrome register—Provides a syndrome to differentiate among the different
kinds of exceptions that generate the same interrupt type. Upon generation of a specific
exception type, the associated bits are set and all other bits are cleared.
SPE APU interrupt registers
SPEFSCR
Signal processing and embedded floating-point status and control register—Provides
interrupt control and status as well as various condition bits associated with the
operations performed by the SPE APU.
Other interrupt registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com