Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 390 page
background image
Register model
UM0434
50/391
Note that CR0 may not reflect the true (infinitely precise) result if overflow occurs. For further
details, refer to the
EREF.
CR setting for store conditional instructions
CR0 is also set by the integer store conditional instruction, stwcx.. See instruction
descriptions in
Chapter 5: Instruction model,” for details on how CR0 is set.
CR setting for compare instructions
For compare instructions, a CR field specified by the BI field in the instruction is set to reflect
the result of the comparison, as shown in
Table 18.
A complete description of how the bits are set is given in the
EREF.
Table 17.
CR0 field descriptions
CR
Bit
Name
Description
32
Negative (LT)
Bit 32 of the result is equal to 1.
33
Positive (GT)
Bit 32 of the result is equal to 0 and at least one of bits 33–63 of the result is non-
zero.
34
Zero (EQ)
Bits 32–63 of the result are equal to 0.
35
Summary overflow (SO) This is a copy of the final state of XER[SO] at the completion of the instruction.
Table 18.
CR setting for compare instructions
CR
n
Bit
Bit Expression
CR Bits
BI
Description
Book E
0–2
3–4
CR
n[0]
4 * cr0 + lt (or lt)
4 * cr1 + lt
4 * cr2 + lt
4 * cr3 + lt
4 * cr4 + lt
4 * cr5 + lt
4 * cr6 + lt
4 * cr7 + lt
32
36
40
44
48
52
56
60
000
001
010
011
100
101
110
111
00
Less than (LT).
For integer compare instructions:
rA < SIMM or rB (signed comparison) or rA
< UIMM or rB (unsigned comparison).
CR
n[1]
4 * cr0 + gt (or gt)
4 * cr1 + gt
4 * cr2 + gt
4 * cr3 + gt
4 * cr4 + gt
4 * cr5 + gt
4 * cr6 + gt
4 * cr7 + gt
33
37
41
45
49
53
57
61
000
001
010
011
100
101
110
111
01
Greater than (GT).
For integer compare instructions:
rA > SIMM or rB (signed comparison) or rA
> UIMM or rB (unsigned comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com