Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 24Page - STMicroelectronics UM0434 Datasheet HTML 25Page - STMicroelectronics UM0434 Datasheet HTML 26Page - STMicroelectronics UM0434 Datasheet HTML 27Page - STMicroelectronics UM0434 Datasheet HTML 28Page - STMicroelectronics UM0434 Datasheet HTML 29Page - STMicroelectronics UM0434 Datasheet HTML 30Page - STMicroelectronics UM0434 Datasheet HTML 31Page - STMicroelectronics UM0434 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 390 page
background image
UM0434
e200z3 core complex overview
29/391
3.4
VLE APU
This section describes the extensions to the Book E instructions to support the PowerPC
VLE APU.
●
rfci, rfdi, rfi do not mask bit 62 of CSRR0, DSRR0, or SRR0. The destination address
is [D,C]SRR0[32–62] || 0b0.
●
bclr, bclrl, bcctr, bcctrl do not mask bit 62 of the LR or CTR. The destination address
is [LR, CTR][32–62] || 0b0.
3.5
Interrupts and exception handling
The core supports an extended exception handling model, with nested interrupt capability
and extensive interrupt vector programmability. The following sections define the interrupt
model, including an overview of interrupt handling as implemented on the e200z3 core, a
brief description of the interrupt classes, and an overview of the registers involved in the
processes.
3.5.1
Interrupt handling
In general, interrupt processing begins with an exception that occurs due to external
conditions, errors, or program execution problems. When an exception occurs, the
processor checks whether interrupt processing is enabled for that particular exception. If
enabled, the interrupt causes the state of the processor to be saved in the appropriate
registers and prepares to begin execution of the handler located at the associated vector
address for that particular exception.
Once the handler is executing, the implementation may need to check bits in the exception
syndrome register (ESR), the machine check syndrome register (MCSR), or the signal
processing and embedded floating-point status and control register (SPEFSCR), depending
on the exception type, to verify the specific cause of the exception and take appropriate
action.
The core complex supports the interrupts described in
Section 3.5.4.
Floating-Point Negative Absolute Value
efsnabs
evfsnabs
rD,rA
Floating-Point Subtract
efssub
evfssub
rD,rA,rB
Floating-Point Test Equal
efststeq
evfststeq
crD,rA,rB
Floating-Point Test Greater Than
efststgt
evfststgt
crD,rA,rB
Floating-Point Test Less Than
efststlt
evfststlt
crD,rA,rB
Floating-Point Single-Precision Multiply-Add
efsmadd
evfsmadd
rD,rA,rB
Floating-Point Single-Precision Negative Multiply-Add
efsnmadd
evfsnmadd
rD,rA,rB
Floating-Point Single-Precision Multiply-Subtract
efsmsub
evfsmsub
rD,rA,rB
Floating-Point Single-Precision Negative Multiply-Subtract
efsnmsub
evfsnmsub
rD,rA,rB
Table 3.
Scalar and vector embedded floating-point APU instructions (continued)
Instruction
Mnemonic
Syntax
Scalar
Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com