Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 33Page - STMicroelectronics UM0434 Datasheet HTML 34Page - STMicroelectronics UM0434 Datasheet HTML 35Page - STMicroelectronics UM0434 Datasheet HTML 36Page - STMicroelectronics UM0434 Datasheet HTML 37Page - STMicroelectronics UM0434 Datasheet HTML 38Page - STMicroelectronics UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 390 page
background image
Register model
UM0434
38/391
4
Register model
This chapter describes the registers of the e200z3 core. It includes an overview of registers
defined by the Book E architecture, highlighting differences in how these registers are
implemented in the e200z3 core, and it describes the e200z3-specific registers in detail. Full
descriptions of the architecture-defined register set are provided in the
EREF.
The Book E architecture defines register-to-register operations for all computational
instructions. Source data for these instructions is accessed from the on-chip registers or as
immediate values embedded in the opcode. The three-register instruction format allows
specification of a target register distinct from the two source registers, thus preserving the
original data for use by other instructions. Data is transferred between memory and registers
with explicit load and store instructions only.
The e200z3 extends the general-purpose registers (GPRs) to 64 bits to support SPE APU
operations. PowerPC Book E instructions operate on the lower 32 bits of the GPRs only, and
the upper 32 bits are unaffected by these instructions. SPE vector instructions operate on
the entire 64-bit register. The SPE APU defines load and store instructions for transferring
64-bit values to/from memory.
Figure 3 shows the complete e200z3 register set, indicating which registers are accessible
in supervisor mode and which in user mode. The number to the left of the special-purpose
registers (SPRs) is the decimal number used in the instruction syntax to access the register.
For example, the integer exception register (XER) is SPR 1.
GPRs are accessed through instruction operands. Access to other registers can be explicit,
using instructions such as Move to Special-Purpose Register (mtspr) and Move from
Special-Purpose Register (mfspr), or implicit as part of the execution of an instruction.
Some registers are accessed both explicitly and implicitly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com